Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU82 Datasheet(PDF) 1 Page - ams AG

Part # MU82
Description  8-input to 1-output digital multiplexer with 2x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MU82 Datasheet(HTML) 1 Page - ams AG

  MU82 Datasheet HTML 1Page - ams AG MU82 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.35 µm CMOS
MU82
April 2000
Page 1 of 2
Rev. N/C
MU82 is an 8-input to 1-output digital multiplexer with 2x drive strength.
Truth Table
I0
I1
I2
I3
I4
I5
I6
I7 S0 S1 S2 Q
0
X
XXXXXX
0
0
0
0
X
0
XXXXXX
1
0
0
0
XX
0
XXXXX
0
1
0
0
XX
X
0
XXXX
1
1
0
0
XX
XX
0
XXX
0
0
1
0
XX
XXX
0
X
X
1
0
1
0
XX
XXXX
0
X
0
1
1
0
XX
XXXXX
0
1
1
1
0
XX
XXXXX
1
1
1
1
1
XX
XXXX
1
X
0
1
1
1
XX
XXX
1
X
X
1
0
1
1
XX
XX
1
XXX
0
0
1
1
XX
X
1
XXXX
1
1
0
1
XX
1
XXXXX
0
1
0
1
X
1
XXXXXX
1
0
0
1
1
X
XXXXXX
0
0
0
1
Area
0.959 mils
2
619 µm
2
Capacitance
Pin
Cap [pF]
I0
0.008
I1
0.008
I2
0.008
I3
0.008
I4
0.008
I5
0.008
I6
0.009
I7
0.008
S0
0.053
S1
0.027
S2
0.018
Power
1.733 µW/MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(SL, L)
with L = Output Load [pF]
AC Characteristics:
Tj = 25°C
VDD = 3.3V
Typical Process


Similar Part No. - MU82

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
8W 940nm Uncooled Multimode Laser Diode Module
MU8-940-04 BOOKHAM-MU8-940-04 Datasheet
394Kb / 4P
8W 940nm Uncooled Multimode Laser Diode Module
More results

Similar Description - MU82

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
8-input multiplexer with 3-state output
January 1995
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
MU42 AMSCO-MU42 Datasheet
15Kb / 2P
4-input to 1-output digital multiplexer with 2x drive strength
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
ams AG
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com