Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM803-RXN3/TR Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM803-RXN3/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM803-RXN3/TR Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM803-RXN3/TR Datasheet HTML 5Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 6Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 7Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 8Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 9Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 10Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 11Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 12Page - SG Micro Corp SGM803-RXN3/TR Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PACKAGE INFORMATION
TX00031.000
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOT-23
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
MIN
MAX
MIN
MAX
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
0.950 BSC
0.037 BSC
e1
1.900 BSC
0.075 BSC
L
0.550 REF
0.022 REF
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
E
E1
e1
e
b
D
A
A2
A1
c
L1
θ
0.25
L
2.29
0.76
0.76
0.95
RECOMMENDED LAND PATTERN (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com