Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM809-RXN3/TR Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM809-RXN3/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM809-RXN3/TR Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM809-RXN3/TR Datasheet HTML 5Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 6Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 7Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 8Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 9Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 10Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 11Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 12Page - SG Micro Corp SGM809-RXN3/TR Datasheet HTML 13Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE INFORMATION
TX00032.000
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOT-23-3
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
MIN
MAX
MIN
MAX
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950 BSC
0.037 BSC
e1
1.900 BSC
0.075 BSC
L
0.300
0.600
0.012
0.024
θ
0°
8°
0°
8°
E
E1
e1
e
b
D
A
A2
A1
c
L
θ
0.2
0.95
0.69
0.99
2.59
1.90
RECOMMENDED LAND PATTERN (Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com