Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM809-RXN3L/TR Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM809-RXN3L/TR
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM809-RXN3L/TR Datasheet(HTML) 3 Page - SG Micro Corp

  SGM809-RXN3L/TR Datasheet HTML 1Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 2Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 3Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 4Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 5Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 6Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 7Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 8Page - SG Micro Corp SGM809-RXN3L/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Microprocessor Supervisory
SGM803/SGM809/SGM810
Circuit in 3-Pin SOT-23
3
JANUARY 2018
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION (continued)
MODEL
RESET
THRESHOLD (V)
PACKAGE
DESCRIPTION
ORDERING
NUMBER
PACKAGE
MARKING
PACKING
OPTION
SGM810
4.63
SOT-23-3
SGM810-LXN3/TR
810L
Tape and Reel, 3000
4.63
SOT-23
SGM810-LXN3L/TR
810LL
Tape and Reel, 3000
4.38
SOT-23-3
SGM810-MXN3/TR
810M
Tape and Reel, 3000
4.38
SOT-23
SGM810-MXN3L/TR
810ML
Tape and Reel, 3000
4.00
SOT-23-3
SGM810-JXN3/TR
810J
Tape and Reel, 3000
4.00
SOT-23
SGM810-JXN3L/TR
810JL
Tape and Reel, 3000
3.08
SOT-23-3
SGM810-TXN3/TR
810T
Tape and Reel, 3000
3.08
SOT-23
SGM810-TXN3L/TR
810TL
Tape and Reel, 3000
2.93
SOT-23-3
SGM810-SXN3/TR
810S
Tape and Reel, 3000
2.93
SOT-23
SGM810-SXN3L/TR
810SL
Tape and Reel, 3000
2.63
SOT-23-3
SGM810-RXN3/TR
810R
Tape and Reel, 3000
2.63
SOT-23
SGM810-RXN3L/TR
810RL
Tape and Reel, 3000
2.32
SOT-23-3
SGM810-ZXN3/TR
810Z
Tape and Reel, 3000
2.32
SOT-23
SGM810-ZXN3L/TR
810ZL
Tape and Reel, 3000
1.63
SOT-23-3
SGM810-XXN3/TR
810X
Tape and Reel, 3000
1.63
SOT-23
SGM810-XXN3L/TR
810XL
Tape and Reel, 3000
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = +25
℃, unless otherwise noted.)
VCC....................................................................... -0.3V to 6V
RESET,RESET .......................................-0.3V to VCC + 0.3V
Input Current, VCC.........................................................20mA
Output Current, RESET,RESET ...................................20mA
Rate of Rise, VCC ...................................................... 100V/μs
Power Dissipation, PD @ TA = +25
℃
SOT-23-3 .......................................................................0.4W
Package Thermal Resistance
SOT-23-3, θJA .......................................................... 250
℃/W
Junction Temperature.................................................+150
℃
Storage Temperature Range ........................-65
℃ to +150℃
Lead Temperature (Soldering, 10s)............................+260
℃
ESD Susceptibility
HBM.............................................................................4000V
MM.................................................................................400V
RECOMMENDED OPERATING CONDITIONS
Operating Temperature Range.....................-40
℃ to +125℃
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any otherconditions beyond those indicated in the operational
section of the specification is not implied. Exposureto absolute
maximum rating conditions for extended periods may affect
reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if necessary
without notice at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com