Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2590 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2590
Description  455kHz INPUT FM IF DEMODULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2590 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2590 Datasheet HTML 3Page - New Japan Radio NJM2590 Datasheet HTML 4Page - New Japan Radio NJM2590 Datasheet HTML 5Page - New Japan Radio NJM2590 Datasheet HTML 6Page - New Japan Radio NJM2590 Datasheet HTML 7Page - New Japan Radio NJM2590 Datasheet HTML 8Page - New Japan Radio NJM2590 Datasheet HTML 9Page - New Japan Radio NJM2590 Datasheet HTML 10Page - New Japan Radio NJM2590 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJM2590/97
Ver.2004-08-25
-7-
TERMINAL FUNCTION (Ta=25°C, V
+=1.8V)
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
1
IF IN
1.75V
IF Amplifier Input.
Typical input impedance is
2kΩ.
Built in ESD protective
circuit.
3
DEC
1.75V
IF Decoupling.
Connected with an external
decoupling capacitor.
Built-in ESD protective
circuit
2
GND
--
Ground.
4
FSK REF
0.9V
FSK Reference Input.
This is a reference input of
wave shaping comparator.
Connected with an external
capacitor.
A quick charge/discharge
circuit offers the voltage of
pin 4 comes the same
voltage of pin 8 quickly.
Built-in ESD protective
circuit.
5
QUAD IN
0.5V
Quadrature Detector Input.
Connected with a ceramic
discriminator.
Built-in ESD protective
circuit.
6
AF OUT
0.2V
FM demodulated signal
output.
Built-in ESD protective
circuit.
3
1
V+
5
V+
6
V+
4
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com