Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLB-310 Datasheet(PDF) 6 Page - RF Micro Devices

Part # NLB-310
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310 Datasheet(HTML) 6 Page - RF Micro Devices

  NLB-310 Datasheet HTML 1Page - RF Micro Devices NLB-310 Datasheet HTML 2Page - RF Micro Devices NLB-310 Datasheet HTML 3Page - RF Micro Devices NLB-310 Datasheet HTML 4Page - RF Micro Devices NLB-310 Datasheet HTML 5Page - RF Micro Devices NLB-310 Datasheet HTML 6Page - RF Micro Devices NLB-310 Datasheet HTML 7Page - RF Micro Devices NLB-310 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-144
NLB-310
Rev A6 040409
Tape and Reel Dimensions
All Dimensions in Millimeters
Ao = 7.0 MM
A1 = 1.8 MM
Bo = 7.0 MM
B1 = 1.3 MM
Ko = 2.1 MM
NOTES:
1. 10 sprocket hole pitch cumulative tolerance ±0.2.
2. Camber not to exceed 1 mm in 100 mm.
3. Material: PS+C.
4. Ao and Bo measured on a plane 0.3 mm above the bottom of the pocket.
5. Ko measured from a plane on the inside bottom of the pocket to the surface of the carrier.
6. Pocket position relative to sprocket hole measured as true position of pocket, not pocket hole.
A
A
SECTION A-A
8.0
Ao
A1
3.0
B1
Bo
5.0 MIN.
2.00 ± 0.05
SEE NOTE 6
4.0
SEE NOTE 1
R0.3 MAX.
0.30
± 0.05
All dimensions in mm
12.0
± 0.3
5.50 ± 0.05
SEE NOTE 6
1.75
R0.3 TYP.
Ko
5.0
+0.1
-0.0
User Direction of Feed
LEAD 1
O
S
F
T
B
A
D
7.0 +0.079/-0.158
0.724 MAX
0.50 +0.08
3.0 REF
0.540 +0.020/-0.008
0.059 MIN
0.795 MIN
Plastic, Micro-X
SIZE (inches)
178 +0.25/-4.0
18.4 MAX
12.8 +2.0
76.2 REF
13.716 +0.5/-0.2
1.5 MIN
20.2 MIN
SIZE (mm)
FLANGE
B
T
F
Diameter
Thickness
Space Between Flange
HUB
O
S
A
Outer Diameter
Spindle Hole Diameter
Key Slit Width
D
Key Slit Diameter
14.732 mm (7") REEL
SYMBOL
ITEMS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com