Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHT10CB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OHT10CB
Description  Photo transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OHT10CB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OHT10CB Datasheet HTML 1Page - List of Unclassifed Manufacturers OHT10CB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTO HiTEC.Co.,Ltd.
2
OHT10CB
Photo transistors
02
4
6
810
5
10
(㎃)
(V)
Ev=100Lux
Ev=200Lux
Ev=300Lux
Ev=400Lux
Ta=25°C
Collector-Emitter voltage VcE
Collector-Emitter voltage
■ Collector current Vs
1000
0
400 500
20
40
800
600 700
900
1100 (nm)
Ta=25°C
60
80
100
(%)
Wavelength λ
■ Relstive sensitivity Vs
Wavelength
10
10
(㎲)
(Ω)
Ta=25°C
0
1
10
2
10
3
10
2
10
3
10
4
10
5
Ic=5㎃
Vcc=10V
tf
tr
td
Load resistance
■ Switching time Vs
Load resistance RL
030
60
90
120
150(℃)
0
40
80
120
160
200
(㎽)
Ambient temperature Ta
Vs Ambient temperature
■ Collector power dissipation
100
50
0
100
50
0
+20
-4
0
-20
50
Relative sensitivity (%)
■ Radient Pattern
Angle (deg.)
illuminance
■ Collector current Vs
10˚
10
-2
10
-1
10
0
(㎃)
10
1
illuminance Ev
10
1
10
23
10
(Lux)
VcE=1 0v
Ta =25 ℃
Ambient temperature Ta
■ Dark current Vs
Ambient temperature
10
0
-1
10
1
10
0
10
2
(nA)
3
10
60
20
40
80
100
120 (°C)
VCE=10V
①Emitter
Ni ckel
Dis posal
Cle ar Glass
1
14.0±1.0
6.2±0.5
4.5±0.2
0.4
②Collector
2
■ Dimensions (㎜)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com