Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C303PI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9C303PI
Description  Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C303PI Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9C303PI Datasheet HTML 1Page - Renesas Technology Corp X9C303PI Datasheet HTML 2Page - Renesas Technology Corp X9C303PI Datasheet HTML 3Page - Renesas Technology Corp X9C303PI Datasheet HTML 4Page - Renesas Technology Corp X9C303PI Datasheet HTML 5Page - Renesas Technology Corp X9C303PI Datasheet HTML 6Page - Renesas Technology Corp X9C303PI Datasheet HTML 7Page - Renesas Technology Corp X9C303PI Datasheet HTML 8Page - Renesas Technology Corp X9C303PI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
X9C303
FN8223 Rev 2.00
Page 2 of 10
January 30, 2009
Pin Descriptions
VH and VL
The high (VH) and low (VL) terminals of the device are
equivalent to the fixed terminals of a mechanical
potentiometer. The minimum voltage is –5V and the maximum
is +5V. It should be noted that the terminology of VL and VH
references the relative position of the terminal in relation to
wiper movement direction selected by the U/D input and not
the voltage potential on the terminal.
VW
VW is the wiper terminal, equivalent to the movable terminal of
a mechanical potentiometer. The position of the wiper within
the array is determined by the control inputs. The wiper
terminal series resistance is typically 40
.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will move
the wiper and either increment or decrement the counter in the
direction indicated by the logic level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in nonvolatile memory when CS is
returned HIGH while the INC input is also HIGH. After the store
operation is complete, the device will be placed in the low power
standby mode until the device is selected once again.
Pinouts
X9C303
(8 LD SOIC, 8 LD PDIP)
TOP VIEW
X9C303
(8 LD TSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9C303P
X9C303P
0 to +70
8 Ld PDIP
MDP0031
X9C303PI
X9C303P I
-40 to +85
8 Ld PDIP
MDP0031
X9C303PIZ (Notes 1, 2)
X9C303P ZI
-40 to +85
8 Ld PDIP (300 mil) (Pb-free)
MDP0031
X9C303PZ (Notes 1, 2)
X9C303P Z
0 to +70
8 Ld PDIP (300 mil) (Pb-free)
MDP0031
X9C303S8*, **
X9C303S
0 to +70
8 Ld SOIC (150 mil)
MDP0027
X9C303S8I*
X9C303S I
-40 to +85
8 Ld SOIC (150 mil)
MDP0027
X9C303S8IZ* (Note 1)
X9C303S ZI
-40 to +85
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X9C303S8Z* (Note 1)
X9C303S Z
0 to +70
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
X9C303V8*, **
9C303
0 to +70
8 Ld TSSOP (4.4mm)
M8.173
X9C303V8I*
C303 I
-40 to +85
8 Ld TSSOP (4.4mm)
M8.173
X9C303V8IZ* (Note 1)
C303 IZ
-40 to +85
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
X9C303V8Z* (Note 1)
9C303 Z
0 to +70
8 Ld TSSOP (4.4mm) (Pb-free)
M8.173
X9C303S8I-2.7
X9C303S G
-40 to +85
8 Ld SOIC (150 mil)
MDP0027
X9C303S8IZ-2.7 (Note 1) X9C303S ZG
-40 to +85
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
VCC
CS
VL
VW
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9C303
1
2
3
4
8
7
6
5
X9C303
CS
VCC
INC
U/D
VL
VW
VSS
VH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com