Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP804TX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP804TX
Description  Hi-Reliability NPN Sil icon Phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP804TX Datasheet(HTML) 2 Page - OPTEK Technologies

  OP804TX Datasheet HTML 1Page - OPTEK Technologies OP804TX Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
@TOPICS =
Types OP803TX/TXV, OP804TX/TXV, OP805TX/TXV
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
IC(on)
On-State Collector Current
OP803TX,TXV
OP804TX,TXV
OP805TX,TXV
4.0
7.0
15.0
8.0
22.0
mA
mA
mA
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
VCE = 5.0 V, Ee = 5.0 mW/cm
2(3)
ICEO
Collector-Emitter Dark Current
100
100
nA
µA
VCE = 10.0 V, Ee = 0
VCE = 10.0 V, Ee = 0, TA = 100
o C
V(BR)CBO
Collector-Base Breakdown Voltage
30
V
IC = 100
µA, IE = 0, Ee = 0
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA, IB = 0, Ee = 0
V(BR)EBO
Emitter-Base Breakdown Voltage
5.0
V
IE = 100
µA, IC = 0, Ee = 0
VCE(SAT)
Collector-Emitter Saturation Voltage
0.40
V
IC = 0.4 mA, Ee = 5.0 mW/cm
2(3)
tr
Rise TimeOP804TX,TXV
OP805TX,TXV
10.0
15.0
µs
VCC = 30 V, IC = 1.00 mA,
RL = 100
Ω
tf
Fall TimeOP804TX,TXV
OP805TX,TXV
10.0
15.0
µs
(3) Light source is an unfiltered tungsten lamp operated at a temperature of 2870 K.
13-35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com