Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8900 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM8900
Description  ULTRA-LOW VOLTAGE DCDC BOOST CONVERTER FOR THERMAL ELECTRICAL GENERATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM8900 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM8900 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM8900 Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATASHEET
Ɩ EM8900
Copyright
2017, EM Microelectronic-Marin SA
8900-DS, Version 4.1, 30-Mar-17
11
www.emmicroelectronic.com
420005-A01, 3.0
6.3.4. TEG SELECTION EXAMPLE 1
This example assumes an industrial application operated with a TEG element attached to a hot water pipe on the hot side and
connected to a cooling element of 10 [K/W] in ambient air on the cold side.
The electronic system requires an average power of 1 mW and must operate fully autonomously. The maximum output voltage
is 4.2V.
We arrive at the following selection of parameter values:
1.
The best transformer turn ratio in this power range is 1:20
2.
The ideal TEG thermal resistivity is 10 [K/W]
3.
According to theTable 8, CFB is 18 pF (VOUT = 4.2V ; Turn ratio = 1:20)
4.
According to the Figure 5-13, the ideal TEG electrical resistivity is about 4
Ω at 1 mW.
The following TEG by Marlow offers characteristics close these values:
Part number:
NL1023T-01AC
Thermal resistivity:
11.30 [K/W]
Electrical resistivity:
3.50 [
Ω]
Seebeck coefficient: 27 [mV/K]
6.3.5. TEG SELECTION EXAMPLE 2
This application example assumes a wearable device in contact with the skin on the hot side and TEG with a cooling element of
100 [K/W] in ambient air. The electronic system requires an average power of 20
μW and operates fully autonomously. The
maximum output voltage is 2.0V.
1.
The best turn ratio for the transformer in this power range is 1:100
2.
The ideal TEG thermal resistivity is 100 [K/W]
3.
According to the Table 8, no CFB is required (secondary side of transformer is directly connected to FB)
4.
According to the Figure 5-7, the ideal TEG electrical resistivity is about 2
Ω at 20μW.
The following TEG by Marlow offers characteristics close to these values when 2 elements are electrically connected in series
and thermally connected in parallel:
Part number:
1x NL1010T-01AC
2x NL1010T-01AC
Thermal resistivity:
191.40 [K/W]
95.7 [K/W]
Electrical resistivity:
0.64 [
Ω]
1.28 [
Ω]
Seebeck coefficient: 2.665 [mV/K]
5.33 [mV/K]
6.4. CAPACITOR SELECTION
6.4.1. INPUT CAPACITOR CHRV
The capacitor CHRV acts as a charge bank and reduces the input voltage ripple and therefore ohmic loss in the TEG. The size of
that capacitor depends on the current amplitude in the primary side of the transformer, the input voltage average and the
internal resistivity of the TEG (RTEG). Higher is the current; higher must be CHRV for a given VTEG and RTEG. We advise selecting
CHRV as follows:
Input power
range
Recommended CHRV value
Up to 100 μW
47 μF
100
μW to 1 mW
100 μF
Above 1 mW
470 μF
Table 7 CHRV Capacitor Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com