Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5083 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X5083 Datasheet HTML 9Page - Renesas Technology Corp X5083 Datasheet HTML 10Page - Renesas Technology Corp X5083 Datasheet HTML 11Page - Renesas Technology Corp X5083 Datasheet HTML 12Page - Renesas Technology Corp X5083 Datasheet HTML 13Page - Renesas Technology Corp X5083 Datasheet HTML 14Page - Renesas Technology Corp X5083 Datasheet HTML 15Page - Renesas Technology Corp X5083 Datasheet HTML 16Page - Renesas Technology Corp X5083 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X5083
FN8127 Rev 4.00
Page 13 of 21
November 12, 2015
.
Absolute Maximum Ratings
Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . .-65°C to 135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to 150°C
Voltage on Any Pin with Respect To Vss . . . . . . . . . . . . . -1.0V to 7V
D.C. Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . 300°C
Temperature Range
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
VCC Range
-2.7. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Blank . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
(Over the recommended operating conditions unless otherwise specified.)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
ICC1
VCC Write Current (Active)
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
5mA
ICC2
VCC Read Current (Active)
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open
0.4
mA
ISB1
VCC Standby Current WDT = OFF CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
1µA
ISB2
VCC Standby Current WDT = ON
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
50
µA
ISB3
VCC Standby Current WDT = ON
CS = VCC, VIN = VSS or VCC,
VCC = 3.6V
20
µA
ILI
Input Leakage Current
VIN = VSS to VCC
0.1
10
µA
ILO
Output Leakage Current
VOUT = VSS to VCC
0.1
10
µA
VIL (Note 1) Input LOW Voltage
-0.5
VCC x 0.3
V
VIH (Note 1) Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW Voltage
VCC > 3.3V, IOL = 2.1mA
0.4
V
VOL2
Output LOW Voltage
2V < VCC  3.3V, IOL = 1mA
0.4
V
VOL3
Output LOW Voltage
VCC  2V, IOL = 0.5mA
0.4
V
VOH1
Output HIGH Voltage
VCC > 3.3V, IOH = -1.0mA
VCC - 0.8
V
VOH2
Output HIGH Voltage
2V < VCC  3.3V, IOH = -0.4mA
VCC - 0.4
V
VOH3
Output HIGH Voltage
VCC  2V, IOH = -0.25mA
VCC - 0.2
V
VOLRS
Reset Output LOW Voltage
IOL = 1mA
0.4
V
Power-Up Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
tPUR (Note 2) Power-up to read operation
1
ms
tPUW (Note 2) Power-up to write operation
5
ms
Capacitance TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
TEST
MAX
UNIT
CONDITIONS
COUT (Note 2) Output capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN (Note 2) Input capacitance (SCK, SI, CS, WP)6
pF
VIN = 0V
NOTES:
1. VIL min. and VIH max. are for reference only and are not tested.
2. This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com