Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9110 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9110
Description  Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9110 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9110 Datasheet HTML 9Page - Renesas Technology Corp X9110 Datasheet HTML 10Page - Renesas Technology Corp X9110 Datasheet HTML 11Page - Renesas Technology Corp X9110 Datasheet HTML 12Page - Renesas Technology Corp X9110 Datasheet HTML 13Page - Renesas Technology Corp X9110 Datasheet HTML 14Page - Renesas Technology Corp X9110 Datasheet HTML 15Page - Renesas Technology Corp X9110 Datasheet HTML 16Page - Renesas Technology Corp X9110 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X9110
FN8158 Rev 5.00
Page 13 of 18
October 28, 2016
Symbol Table
XDCP Timing
SYMBOL
PARAMETER
MIN
MAX
UNIT
tWRPO
Wiper Response Time After the Third (Last) Power Supply is Stable
5
10
µs
tWRL
Wiper Response Time After Instruction Issued (All Load Instructions)
5
10
µs
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW to
HIGH
Will change
from LOW to
HIGH
May change
from HIGH to
LOW
Will change
from HIGH to
LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
Timing Diagrams
FIGURE 7. INPUT TIMING
FIGURE 8. OUTPUT TIMING
...
CS
SCK
SI
SO
MSB
LSB
HIGH IMPEDANCE
tLEAD
tH
tSU
tFI
tCS
tLAG
tCYC
tWL
...
tRI
tWH
...
CS
SCK
SO
SI
ADDR
MSB
LSB
tDIS
tHO
tV
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com