Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO1 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MCSO1
Description  5.0V CMOS Oscillator with Military - 55125째C Temperature Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MCSO1 Datasheet HTML 1Page - Golledge Electronics Ltd MCSO1 Datasheet HTML 2Page - Golledge Electronics Ltd MCSO1 Datasheet HTML 3Page - Golledge Electronics Ltd MCSO1 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCSO1 3/4
v1.0
A:330 B:16 C:8.5 D:4.4 E:8 F:2 G:80 H:21
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
Ceramic base with Kovar lid
Lead-free (< 0.1% by weight )
RoHS 2 compliant with no exemptions.
See our
declaration
REACH compliant.
See our statement
Free of conflict minerals.
See our declaration
Free of Halogens.
See our declaration
Free of Ozone-depleting substances.
See our
declaration
TAPE & REEL SPECIFICATION
HANDLING & STORAGE
CONSTRUCTION
MATERIAL COMPOSITION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com