Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO1ELSW Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO1ELSW
Description  2.5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO1ELSW Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO1ELSW Datasheet HTML 1Page - Golledge Electronics Ltd MCSO1ELSW Datasheet HTML 2Page - Golledge Electronics Ltd MCSO1ELSW Datasheet HTML 3Page - Golledge Electronics Ltd MCSO1ELSW Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO1ELSW 1/4
v1.0
MCSO1ELSW
MCSO1ELSW
2.5V CMOS Low Frequency Oscillator
2.5V CMOS Low Frequency Oscillator
with Tight Stability for Extreme
with Tight Stability for Extreme
Environments
Environments
Extreme temperature ranges up to 200°C
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
32.768kHz
Frequency stability
see note below
Any
±50ppm max over -10 to +150°C
R
±100ppm max over -10 to +175°C
S
Enable / disable function
Any
None (pad 1 NC)
Tristate (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned pads (Ag/Cu/Zn)
E
*


Similar Part No. - MCSO1ELSW

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS Datasheet
366Kb / 2P
low consumption 32.768 kHz
logo
Golledge Electronics Lt...
MCSO1ELS GOLLEDGE-MCSO1ELS Datasheet
549Kb / 4P
5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1ELSV GOLLEDGE-MCSO1ELSV Datasheet
549Kb / 4P
3.3V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
More results

Similar Description - MCSO1ELSW

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2EHW GOLLEDGE-MCSO2EHW Datasheet
550Kb / 4P
2.5V High Frequency Oscillator for Extreme Environments
MCSO2EW GOLLEDGE-MCSO2EW Datasheet
556Kb / 4P
2.5V Low Frequency Oscillator for Extreme Environments
MCSO6EW GOLLEDGE-MCSO6EW Datasheet
553Kb / 4P
2.5V Miniature CMOS Oscillator for Extreme Environments
MCSO1EL GOLLEDGE-MCSO1EL_18 Datasheet
549Kb / 4P
5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO1ELS GOLLEDGE-MCSO1ELS Datasheet
549Kb / 4P
5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1ELSV GOLLEDGE-MCSO1ELSV Datasheet
549Kb / 4P
3.3V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1EW GOLLEDGE-MCSO1EW Datasheet
552Kb / 4P
2.5V Low Frequency Oscillator for Extreme Environments
MCSO1ELW GOLLEDGE-MCSO1ELW Datasheet
549Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO1ELV GOLLEDGE-MCSO1ELV Datasheet
549Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELW GOLLEDGE-MCSO2ELW Datasheet
547Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com