Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC912FDH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P89LPC912FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912FDH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P89LPC912FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
39 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.17.7
Break detect
Break detect is reported in the status register (SSTAT). A break is detected when
11 consecutive bits are sensed LOW. The break detect can be used to reset the
device.
9.17.8
Double buffering
The UART has a transmit double buffer that allows buffering of the next character to
be written to SBUF while the first character is being transmitted. Double buffering
allows transmission of a string of characters with only one stop bit between any two
characters, as long as the next character is written between the start bit and the stop
bit of the previous character.
Double buffering can be disabled. If disabled (DBMOD, i.e., SSTAT.7 = ‘0’), the UART
is compatible with the conventional 80C51 UART. If enabled, the UART allows writing
to SnBUF while the previous data is being shifted out. Double buffering is only
allowed in Modes 1, 2 and 3. When operated in Mode 0, double buffering must be
disabled (DBMOD = ‘0’).
9.17.9
Transmit interrupts with double buffering enabled (Modes 1, 2 and 3)
Unlike the conventional UART, in double buffering mode, the Tx interrupt is generated
when the double buffer is ready to receive new data.
9.17.10
The 9th bit (bit 8) in double buffering (Modes 1, 2 and 3)
If double buffering is disabled TB8 can be written before or after SBUF is written, as
long as TB8 is updated some time before that bit is shifted out. TB8 must not be
changed until the bit is shifted out, as indicated by the Tx interrupt.
If double buffering is enabled, TB8 must be updated before SBUF is written, as TB8
will be double-buffered together with SBUF data.
9.18 Serial Peripheral Interface (SPI)
P89LPC912/913/914 provides another high-speed serial communication
interface—the SPI interface. SPI is a full-duplex, high-speed, synchronous
communication bus with two operation modes: Master mode and Slave mode. Up to
4.5 Mbit/s can be supported in Master or 3 Mbit/s in Slave mode. It has a Transfer
Completion Flag and Write Collision Flag Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com