Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB70325 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB70325
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70325 Datasheet(HTML) 2 Page - ON Semiconductor

  FSB70325 Datasheet HTML 1Page - ON Semiconductor FSB70325 Datasheet HTML 2Page - ON Semiconductor FSB70325 Datasheet HTML 3Page - ON Semiconductor FSB70325 Datasheet HTML 4Page - ON Semiconductor FSB70325 Datasheet HTML 5Page - ON Semiconductor FSB70325 Datasheet HTML 6Page - ON Semiconductor FSB70325 Datasheet HTML 7Page - ON Semiconductor FSB70325 Datasheet HTML 8Page - ON Semiconductor FSB70325 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSB70325 Rev. 1.2
December 2015
FSB70325
Motion SPM® 7 Series
Features
•
UL Certified No. E209204 (UL1557)
•
High Performance PQFN Package
•
250 V RDS(on) = 1.4 Max FRFET MOSFET 3-Phase
Inverter with Gate Drivers and Protection
•
Separate Open-Source Pinsfrom Low-Side MOSFETs
for Three-Phase Current-Sensing
•
Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
•
Optimized for Low Electromagnetic Interference
•
HVIC Temperature-Sensing Built-In for Temperature
Monitoring
•
HVIC for Gate Driving with Under-Voltage Protection
and Interlock Function
•
Isolation Rating: 1500 Vrms / min.
•
Moisture Sensitive Level (MSL) 3
•
RoHS Compliant
Application
•
3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
•
AN-9077 - Motion SPM® 7 Series User’s Guide
•
AN-9078 - Surface Mount Guidelines for Motion
SPM® 7 Series
General Description
The FSB70325 is an advanced Motion SPM® 7 module
providing a fully-featured, high-performance inverter
output stage for AC Induction, BLDC and PMSM motors.
These
modules
integrate optimized
gate
drive
of
the built-in MOSFETs (FRFET® technology) to minimize
EMI and losses, while also providing multiple on-module
protection features including under-voltage lockouts,
thermal monitoring, fault reporting and interlock function.
The built-in one HVIC translates the incoming logic-level
gate inputs to the high-voltage, high-current drive signals
required
to
properly
drive
the
module's
internal
MOSFETs.
Separate open-souce MOSFET terminals
are available for each phase to support the widest
variety of control algorithms.
3D Package Drawing (Click to Activate 3D Content)
Package Marking & Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FSB70325
FSB70325
PQFN27A
13’’
24 mm
1000 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com