Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB70625 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSB70625
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70625 Datasheet(HTML) 3 Page - ON Semiconductor

  FSB70625 Datasheet HTML 1Page - ON Semiconductor FSB70625 Datasheet HTML 2Page - ON Semiconductor FSB70625 Datasheet HTML 3Page - ON Semiconductor FSB70625 Datasheet HTML 4Page - ON Semiconductor FSB70625 Datasheet HTML 5Page - ON Semiconductor FSB70625 Datasheet HTML 6Page - ON Semiconductor FSB70625 Datasheet HTML 7Page - ON Semiconductor FSB70625 Datasheet HTML 8Page - ON Semiconductor FSB70625 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
2
www.fairchildsemi.com
FSB70625 Rev. 1.2
Absolute Maximum Ratings
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Total System
1st Notes:
1. TCB is pad temperature of case bottom.
2. Marking “ * ” is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Unit
VDSS
Drain-Source Voltage of Each MOSFET
250
V
*ID 25
Each MOSFET Drain Current, Continuous TCB = 25°C (1st Note 1)
6.9
A
*ID 80
Each MOSFET Drain Current, Continuous TCB = 80°C
5.2
A
*IDP
Each MOSFET Drain Current, Peak
TCB = 25°C, PW < 100 s
13.9
A
*PD
Maximum Power Dissipation
TCB = 25°C, For Each MOSFET
81
W
Symbol
Parameter
Conditions
Rating
Unit
VDD
Control Supply Voltage
Applied Between VDD and COM
20
V
VBS
High-side Bias Voltage
Applied Between VB and VS
20
V
VIN
Input Signal Voltage
Applied Between IN and COM
-0.3 ~ VDD + 0.3
V
VFO
Fault Output Supply Voltage
Applied Between FO and COM
-0.3 ~ VDD + 0.3
V
IFO
Fault Output Current
Sink Current FO Pin
5
mA
VCSC
Current Sensing Input Voltage
Applied Between Csc and COM
-0.3 ~ VDD + 0.3
V
Symbol
Parameter
Conditions
Rating
Unit
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, 1 Minute, Con-
nection Pins to Heat Sink Plate
1500
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com