Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC1F628 Datasheet(PDF) 99 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 99 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 95Page - Microchip Technology PIC1F628 Datasheet HTML 96Page - Microchip Technology PIC1F628 Datasheet HTML 97Page - Microchip Technology PIC1F628 Datasheet HTML 98Page - Microchip Technology PIC1F628 Datasheet HTML 99Page - Microchip Technology PIC1F628 Datasheet HTML 100Page - Microchip Technology PIC1F628 Datasheet HTML 101Page - Microchip Technology PIC1F628 Datasheet HTML 102Page - Microchip Technology PIC1F628 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 97
PIC16F62X
14.5.5
TIMEOUT SEQUENCE
On power-up the timeout sequence is as follows: First
PWRT timeout is invoked after POR has expired. Then
OST is activated. The total timeout will vary based on
oscillator configuration and PWRTE bit status. For
example, in ER mode with PWRTE bit erased (PWRT
disabled), there will be no timeout at all. Figure 14-8,
Figure 14-9
and
Figure 14-10
depict
timeout
sequences.
Since the timeouts occur from the POR pulse, if MCLR
is kept low long enough, the timeouts will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 14-9). This is useful for testing purposes or
to synchronize more than one PIC16F62X device
operating in parallel.
Table 14-7 shows the RESET conditions for some
special registers, while Table 14-8 shows the RESET
conditions for all the registers.
14.5.6
POWER CONTROL (PCON) STATUS
REGISTER
The Power Control/STATUS register, PCON (address
8Eh) has two bits.
Bit0 is BOD (Brown-out). BOD is unknown on Power-
on Reset. It must then be set by the user and checked
on subsequent RESETS to see if BOD = 0 indicating
that a brown-out has occurred. The BOD STATUS bit is
a don’t care and is not necessarily predictable if the
brown-out circuit is disabled (by setting BODEN bit = 0
in the Configuration word).
Bit1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a
subsequent RESET if POR is ‘0’, it will indicate that a
Power-on Reset must have occurred (V
DD may have
gone too low).
TABLE 14-4:
TIMEOUT IN VARIOUS SITUATIONS
TABLE 14-5:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
TABLE 14-6:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT
Oscillator Configuration
Power-up
Brown-out Detect
Reset
Wake-up
from SLEEP
PWRTE = 0
PWRTE = 1
XT, HS, LP
72 ms + 1024 T
OSC
1024 T
OSC
72 ms + 1024 T
OSC
1024 T
OSC
ER, INTRC, EC
72 ms
—
72 ms
—
POR
BOD
TO
PD
0X11
Power-on Reset
0X0X
Illegal, TO is set on POR
0XX0
Illegal, PD is set on POR
10XX
Brown-out Detect Reset
110u
WDT Reset
1100
WDT Wake-up
11uu
MCLR Reset during normal operation
1110
MCLR Reset during SLEEP
Legend: u = unchanged, x = unknown.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
RESETS(1)
03h
STATUS
IRP
RP1
RPO
TO
PD
Z
DC
C
0001 1xxx
000q quuu
8Eh
PCON
—
—
—
—
OSCF
Reset
POR
BOD
---- 1-0x
---- u-uq
Note
1: Other (non Power-up) Resets include MCLR Reset, Brown-out Detect Reset and Watchdog Timer Reset during normal opera-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com