Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM1210-R012K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM1210-R012K
Description  Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM1210-R012K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM1210-R012K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
4.14
Special Features
• Molded construction for high reliability
and superior environmental protection
• High resistance to solder heat, moisture
• Ferrite bobbin core
• Operating temperature -55 to +105°C
• Tape & reel packaged 2000/reel
Notes
* Current to cause 20°C maximum temperature rise
PM1210 Series
Part
Number
L (µH)
±10%
Q
Min
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
(Ω)
Max.
I, DC*
(mA)
PM1210-R010K
0.010
15
100
2500
0.13
450
PM1210-R012K
0.012
17
100
2300
0.14
450
PM1210-R015K
0.015
19
100
2100
0.16
450
PM1210-R018K
0.018
21
100
1900
0.18
450
PM1210-R022K
0.022
23
100
1700
0.20
450
PM1210-R027K
0.027
23
100
1500
0.22
450
PM1210-R033K
0.033
25
100
1400
0.24
450
PM1210-R039K
0.039
25
100
1300
0.27
450
PM1210-R047K
0.047
26
100
1200
0.30
450
PM1210-R056K
0.056
26
100
1100
0.33
450
PM1210-R068K
0.068
27
100
1000
0.36
450
PM1210-R082K
0.082
27
100
900
0.40
450
±5%
PM1210-R10J
0.10
28
100
700
0.44
450
PM1210-R12J
0.12
28
25.2
500
0.22
450
PM1210-R15J
0.15
28
25.2
450
0.25
450
PM1210-R18J
0.18
28
25.2
400
0.28
450
PM1210-R22J
0.22
28
25.2
350
0.32
450
PM1210-R27J
0.27
28
25.2
320
0.36
450
PM1210-R33J
0.33
28
25.2
300
0.40
450
PM1210-R39J
0.39
28
25.2
250
0.45
450
PM1210-R47J
0.47
28
25.2
220
0.50
450
PM1210-R56J
0.56
28
25.2
180
0.55
450
PM1210-R68J
0.68
28
25.2
160
0.60
450
PM1210-R82J
0.82
28
25.2
140
0.65
450
PM1210-1R0J
1.0
28
7.96
120
0.70
400
PM1210-1R2J
1.2
28
7.96
100
0.75
390
PM1210-1R5J
1.5
28
7.96
85
0.85
370
PM1210-1R8J
1.8
28
7.96
80
0.90
350
PM1210-2R2J
2.2
30
7.96
75
1.0
320
PM1210-2R7J
2.7
30
7.96
70
1.1
290
PM1210-3R3J
3.3
30
7.96
60
1.2
260
PM1210-3R9J
3.9
30
7.96
55
1.3
250
PM1210-4R7J
4.7
30
7.96
50
1.7
220
PM1210-5R6J
5.6
30
7.96
47
1.8
200
PM1210-6R8J
6.8
30
7.96
43
2.0
180
PM1210-8R2J
8.2
30
7.96
40
2.3
170
PM1210-100J
10
30
2.52
36
2.5
150
PM1210-120J
12
30
2.52
33
2.8
140
PM1210-150J
15
30
2.52
30
3.2
130
PM1210-180J
18
30
2.52
27
3.6
120
PM1210-220J
22
30
2.52
25
4.0
110
PM1210-270J
27
30
2.52
20
5.0
80
PM1210-330J
33
30
2.52
17
5.6
70
PM1210-390J
39
30
2.52
16
6.4
65
PM1210-470J
47
30
2.52
15
7.0
60
PM1210-560J
56
30
2.52
13
8.0
55
PM1210-680J
68
30
2.52
12
9.0
50
PM1210-820J
82
30
2.52
11
10
45
PM1210-101J
100
20
0.796
10
10
40
PM1210-121J
120
20
0.796
10
11
70
PM1210-151J
150
20
0.796
8
15
65
PM1210-181J
180
20
0.796
7
17
60
PM1210-221J
220
20
0.796
7
21
50
Also available as RoHS compliant.
Chip Inductors
2.5
2.2
0.5
1.0 Min.
Pad Layout
Parallel Connection
2
3
1
0.5
1
2
2
3.2
3
Dimensions: mm
Tolerance: -/+0.2
Series Connection
-/+ 0.4


Similar Part No. - PM1210-R012K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM1210-R33J-RC BOURNS-PM1210-R33J-RC Datasheet
325Kb / 2P
Chip Inductor
2011/65/EU June 8, 2011
More results

Similar Description - PM1210-R012K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com