Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-17TC-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLL500-17TC-R
Description  Low Phase Noise VCXO (17MHz to 36MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLL500-17TC-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLL500-17TC-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL500-17TC-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL500-17TC-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL500-17TC-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL500-17TC-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL500-17TC-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 03/29/05 Page 2
DIE PAD LAYOUT
DIE SPECIFICATIONS
Name
Value
Size
39 x 32 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
PIN ASSIGNMENT (8-pin SOIC package) AND PAD DESCRIPTION (8-pin SOIC pack-
age)
Die Pad Position
Name
Pin#
X (
µm)
Y (
µm)
Type
Description
XIN
1
94.183
768.599
I
Crystal input pin.
VDD
2
94.157
605.029
P
VDD power supply pin. Only one VDD pin is necessary.
VCON
3
94.183
331.756
I
Frequency control voltage input pin.
GND
4
94.193
140.379
P
Ground pin.
CLK
5
715.472
203.866
O
Output clock pin.
VDD
6
715.307
455.726
P
VDD power supply pin. Only one VDD pin is necessary.
OE
7
715.472
626.716
I
Output Enable input pin. Disables the output when low. Internal
pull-up enables output by default if pin is not connected to low.
XOUT
8
476.906
888.881
I
Crystal output pin. Ref Clock input.
* OE (Output Enable) pin is not available in SOT-26 package, the output will always be enabled by the build in pull-up resister.
PIN ASSIGNMNET AND DESCRIPTION (6-pin SOIC package)
Name
Pin#
Type
Description
XOUT
1
I
Crystal Output pin. Ref. Clock input.
GND
2
P
Ground pin.
CLK
3
O
Output clock pin.
VCON
4
I
Frequency control voltage input pin.
VDD
5
P
VDD power supply pin.
XIN
6
I
Crystal input pin.
5
Y
X
(0,0)
(812,986)
32 mil
8
6
2
3
4
7
DIE ID: PLL500-17: C500A0404-04A
1 XIN
VDD
CLK
GND
VCON
XOUT
OE^
VDD
Note: ^ denotes internal pull up



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com