Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-17TCL-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PLL500-17TCL-R
Description  Low Phase Noise VCXO (17MHz to 36MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLL500-17TCL-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PLL500-17TCL-R Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL500-17TCL-R Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL500-17TCL-R Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL500-17TCL-R Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL500-17TCL-R Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL500-17TCL-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/21/05 Page 6
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL500-17 X X R
Temperature
C=Commercial
I= Industrial
Package
S=SOIC
T= SOT
D=Die
Part Number
NONE= TUBE
R=TAPE and REEL
Part / Order Number
Marking
Package Option
PLL500-17DC
P500-17DC
Die (Waffle Pack)
PLL500-17SC
P500-17
8-Pin SOIC (Tube)
PLL500-17SC-R
P500-17
8-Pin SOIC (Tape and Reel)
PLL500-17SCL
P500-17L
8-Pin SOIC (Tube)
PLL500-17SCL-R
P500-17L
8-Pin SOIC (Tape and Reel)
PLL500-17TC
P500-17
6-Pin SOT (Tube)
PLL500-17TC-R
P500-17
6-Pin SOT (Tape and Reel)
PLL500-17TCL
P500-17L
6-Pin SOT (Tube)
PLL500-17TCL-R
P500-17L
6-Pin SOT (Tape and Reel)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com