Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSF101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSF101
Description  WORLD MAGNETICS ULTRA SENSITIVEPRESSURESWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSF101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSF101 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSF101 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WORLD MAGNETICS UL TRA SENSITIVE PRESSURE SWITCHES
PSF101 Series for sensing pressure, vacuum & differential pressure
5
DESIGNFLEX™ OPTIONS With World Magnetics’ exclusive DesignFLEX™ feature,
you can choose from these available options to custom-design a pressure switch to suit your needs.
3 Smooth Port
.250" Diameter
for 7/32" ID Tubing
w/Mtg. Lugs
4 Smooth Port
.250" Diameter
for 7/32" ID Tubing
w/o Mtg. Lugs
5 Barbed Port
for 3/16" ID Tubing
w/Mtg. Lugs
7 No Port
(.060" Vent Hole)
w/Mtg. Lugs
9 Barbed Port
for 1/8" ID Tubing
w/Mtg. Lugs
0 Barbed Port
for 1/8" ID Tubing
w/o Mtg. Lugs
6 Barbed Port
for 3/16" ID Tubing
w/o Mtg. Lugs
8 No Port
(.060" Vent Hole)
w/o Mtg. Lugs
Low Port/Housing Options
1 Smooth Port
.156" Diameter
for 1/8" ID Tubing
2 Smooth Port
.187" Diameter
for 5/32" ID Tubing
3 Smooth Port
.250" Diameter
for 7/32" ID Tubing
4 1/8"
NPT Port
5 Barbed Port
for 3/16" ID Tubing
6 No Port
(.060" Vent Hole)
High Port/Cover Options
Pressure Set Point Options
For higher Pressure Set Point, consult factory.
1 Polyurethane
(standard)
2 Teflon
(optional)
Option
In. H2O
mbar
PSI
No.
005
.1 - .5
.25 - 1.25 .004 -.018
010
1.0
2.49
.036
015
1.5
3.73
.054
020
2.0
4.97
.072
030
3.0
7.46
.108
040
4.0
9.95
.144
060
6.0
14.92
.217
080
8.0
19.89
.289
100
10.0
24.86
.361
120
12.0
29.84
.433
150
15.0
37.30
.541
200
20.0
49.73
.722
300
30.0
74.59
1.083
400
40.0
99.46
1.444
500
50.0
124.32
1.804
PSF101
Series
Number
Low Port/
Housing
Option
Number
High Port/
Cover
Option
Number
Diaphragm
Option
Number
8
Three Digit Pressure Set Point
Option Number
Example:
8111-020 = PSF101 Series ultra sensitive pressure switch with • Low Port/Housing, .156" Diameter, Smooth
Port with Mounting Lugs • High Port/Cover, .156" Diameter, Smooth Port • Standard Polyurethane Diaphragm
• Pressure Set Point is factory-set at 2" H2O
DESIGN GUIDE
Choose one option number from each of
the above categories and arrange in the
sequence shown here.
Diaphragm
Options
7 Flow-Thru
Barbed Port
for 1/8" ID Tubing
8 Barbed Port
for 1/8" ID Tubing
2 Smooth Port
.156" Diameter
for 1/8" ID Tubing
w/o Mtg. Lugs
1 Smooth Port
.156" Diameter
for 1/8" ID Tubing
w/Mtg. Lugs
810 Hastings Street, Traverse City, Michigan 49686
Phone: 231-946-3800 • Fax: 231-946-0274 • Web Site: http://www.worldmagnetics.com
Vertrieb: HJK Sensoren + Systeme GmbH & Co. KG
Engelschalkstr. 32
D - 86316 Friedberg
Tel. +49(0)821-26 99 00 FAX+49(0)821-26 990-11
mailto: info@hjk.de
www.worldmagnetics.de



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com