Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0805-R39K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM0805-R39K
Description  Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PM0805-R39K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM0805-R39K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
4.8
Special Features
• Ceramic core, wire wound for superior reliability
• High self resonant frequency
• Very stable electrical characteristic
• Flat top surface for automated pick & place
• Operation temperature -55 - +125°C
• Tape & reel packaged 2000/reel
Notes
* Current to cause approx. 15°C of temperature rise
PM0805 Series
Part
Number
L (nH)
±20%
L Test
Freq.
(MHz)
Q
Min
Q Test
Freq.
(MHz)
SRF
(Mhz)
Min.
DCR
(Ω)
Max.
I *
(mA)
PM0805-2N2M
2.2
250
15
1500
6000
0.08
600
PM0805-3N3M
3.3
250
50
1500
6000
0.08
600
PM0805-6N8M
6.8
250
50
1000
5500
0.11
600
PM0805-8N2M
8.2
250
50
500
4700
0.12
600
PM0805-12NM
12
250
50
500
4000
0.15
600
PM0805-15NM
15
250
50
500
3400
0.17
600
PM0805-18NM
18
250
50
500
3300
0.20
600
PM0805-22NM
22
250
55
500
2600
0.22
500
PM0805-27NM
27
250
55
500
2500
0.25
500
PM0805-33NM
33
250
60
500
2050
0.27
500
PM0805-39NM
39
250
60
500
2000
0.29
500
PM0805-47NM
47
200
60
500
1650
0.31
500
±10%
PM0805-56NK
56
200
60
500
1550
0.34
500
PM0805-68NK
68
200
60
500
1450
0.38
500
PM0805-82NK
82
150
65
500
1300
0.42
400
L(µH)
±10%
PM0805-R10K
0.10
150
65
500
1200
0.46
400
PM0805-R12K
0.12
150
50
250
1100
0.51
400
PM0805-R15K
0.15
100
50
250
920
0.56
400
PM0805-R18K
0.18
100
50
250
870
0.64
400
PM0805-R22K
0.22
100
50
250
850
0.70
400
PM0805-R27K
0.27
100
40
100
800
1.1
280
PM0805-R33K
0.33
100
40
100
750
1.2
260
PM0805-R39K
0.39
100
40
100
700
1.5
200
PM0805-R47K
0.47
100
40
100
650
2.5
170
PM0805-R56K
0.56
50
40
50
600
3.5
170
Chip Inductors
Also available as RoHS compliant.
1.78
Max.
Max.
Pad Layout
Dimensions: mm
2.41
1.78
Max.
1.78
1.02
0.76


Similar Part No. - PM0805-R39K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM0805-R39K-RC BOURNS-PM0805-R39K-RC Datasheet
224Kb / 1P
High Q Chip Inductors
PM0805-R39K-RC BOURNS-PM0805-R39K-RC Datasheet
282Kb / 1P
High Q Chip Inductors
More results

Similar Description - PM0805-R39K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com