Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X60003 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X60003
Description  Precision SOT-23 FGA??Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X60003 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X60003 Datasheet HTML 7Page - Renesas Technology Corp X60003 Datasheet HTML 8Page - Renesas Technology Corp X60003 Datasheet HTML 9Page - Renesas Technology Corp X60003 Datasheet HTML 10Page - Renesas Technology Corp X60003 Datasheet HTML 11Page - Renesas Technology Corp X60003 Datasheet HTML 12Page - Renesas Technology Corp X60003 Datasheet HTML 13Page - Renesas Technology Corp X60003 Datasheet HTML 14Page - Renesas Technology Corp X60003 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X60003
FN8137 Rev 5.00
Page 11 of 17
September 1, 2015
FIGURE 28. ZOUT vs FREQUENCY
FIGURE 29. IIN vs VIN
FIGURE 30. IIN vs VIN (3 UNITS)
FIGURE 31. TURN-ON TIME
FIGURE 32. X60003 TURN-ON TIME (+25°C), 3 UNITS
Typical Performance Curves (X60003-50)
(VIN = 6.5V, IOUT = 0mA, TA = +25°C unless otherwise specified) (Continued)
FREQUENCY (Hz)
20
0
40
60
80
100
120
140
160
180
100
10
1
1k
10k
100k
NO LOAD
100nF LOAD
1nF LOAD
10nF LOAD
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
VIN (V)
100
0
200
300
400
500
600
700
+85°C
+25°C
-40°C
800
VIN (V)
LOW
TYP
HIGH
0
100
200
300
400
500
600
700
800
900
56
78
9
10
0
0
4
6
8
10
12
1
2
3
4
5
6
TIME (ms)
2
VOUT = 5.0V
0
1
2
3
4
5
6
7
04
6
8
10
12
TIME (ms)
UNIT 2
UNIT 3
UNIT 1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com