Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC6323L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDC6323L
Description  Integrated Load Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6323L Datasheet(HTML) 2 Page - ON Semiconductor

  FDC6323L Datasheet HTML 1Page - ON Semiconductor FDC6323L Datasheet HTML 2Page - ON Semiconductor FDC6323L Datasheet HTML 3Page - ON Semiconductor FDC6323L Datasheet HTML 4Page - ON Semiconductor FDC6323L Datasheet HTML 5Page - ON Semiconductor FDC6323L Datasheet HTML 6Page - ON Semiconductor FDC6323L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
I
FL
Forward Leakage Current
V
IN = 8 V, VON/OFF = 0 V
1
µA
I
RL
Reverse Leakage Current
V
IN = -8 V, VON/OFF = 0 V
-1
µA
ON CHARACTERISTICS (Note 3)
V
IN
Input Voltage
3
8
V
V
ON/OFF
On/Off Voltage
1.5
8
V
V
DROP
Conduction Voltage Drop @ 1A
V
IN = 5 V, VON/OFF = 3.3 V
0.145
0.2
V
V
IN = 3.3 V, VON/OFF = 3.3 V
0.178
0.3
I
L
Load Current
V
DROP = 0.2 V, VIN = 5 V, VON/OFF = 3.3 V
1
A
V
DROP = 0.3 V, VIN = 3.3 V, VON/OFF = 3.3 V
1
Notes:
1. V
IN=8V, VON/OFF=8V, VDROP=0.5V, TA=25
oC
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design.
PD
(t) = TJ−TA
R
θJ A(t) =
TJ
−T
A
R
θJ C+RθCA(t) =
I D
2
(t) × R
DS
(ON)@T
J
Typical RθJA for single device operation using the board layouts shown below on FR-4 PCB in a still air environment:
a. 180
oC/W when mounted on a 2oz minimum copper pad.
Scale 1 : 1 on letter size paper
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
www.onsemi.com
2
2a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com