Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC6325L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDC6325L
Description  Integrated Load Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDC6325L Datasheet(HTML) 2 Page - ON Semiconductor

  FDC6325L Datasheet HTML 1Page - ON Semiconductor FDC6325L Datasheet HTML 2Page - ON Semiconductor FDC6325L Datasheet HTML 3Page - ON Semiconductor FDC6325L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
I
FL
Forward Leakage Current
V
IN = 8 V, VON/OFF = 0 V
1
µA
ON CHARACTERISTICS (Note 3)
V
DROP
Conduction Voltage Drop
V
IN = 5 V, VON/OFF = 3.3 V, IL = 1.5 A
0.15
0.2
V
V
IN = 3.3 V, VON/OFF = 3.3 V, IL = 1.2 A
0.145
0.2
V
IN = 2.5 V, VON/OFF = 3.3 V, IL = 1 A
0.13
0.2
R
(ON)
Q
2 - Static On-Resistance
V
GS = -5 V, ID = -1.8 A
0.115
0.13
Ω
V
GS = -3.3 V, ID = -1.6 A
0.13
0.16
V
GS = -2.5 V, ID = -1.5 A
0.155
0.18
I
L
Load Current
V
DROP = 0.13 V, VIN = 5 V, VON/OFF = 3.3 V
1
A
V
DROP = 0.16 V, VIN = 3.3 V, VON/OFF = 3.3 V
1
V
DROP = 0.2 V, VIN = 2.5V, VON/OFF = 3.3 V
1
Notes:
1. V
IN=8V, VON/OFF=8V, TA=25
oC
2.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface
of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6325L Load Switch Application
External Component Recommendation
For Co £ 1uF applications:
First select R2, 100 - 1kW, for Slew Rate control. C1 £ 1000pF can be added in addition to R2 for
further In-rush current control.
Then select R1 such that R1/R2 ratio maintains between 10 - 100. R1 is required to turn Q2 off. For
SPICE simulation, users can download a "FDC6325L.MOD" Spice model from
ON Semiconductor Web
Site at www.
onsemi.com
www.onsemi.com
2
APPLICATION CIRCUIT
IN
OUT
ON/OFF
R1
R2
C1
LOAD
Co
Q2
Q1
Ci



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com