Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPF2C8P2NL07A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF2C8P2NL07A
Description  F2, 3-phase, 3-level NPC module with Press-fit / NTC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2C8P2NL07A Datasheet(HTML) 2 Page - ON Semiconductor

  FPF2C8P2NL07A Datasheet HTML 1Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 2Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 3Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 4Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 5Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 6Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 7Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 8Page - ON Semiconductor FPF2C8P2NL07A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2015 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPF2C8P2NL07A Rev. 1.1
June 2015
FPF2C8P2NL07A
F2, 3-phase, 3-level NPC module with Press-fit / NTC
General Description
Fairchild's new inverter modules provide low conduction and
switching loss as well. And Press-Fit technology provides sim-
ple and reliable mounting. These modules are optimized for the
applications such as solar inverter and UPS where a high effi-
ciency and robust design is needed.
Electrical Features
• High Efficiency
• Low Conduction and Switching Losses
• Field Stop IGBT for Inner and Outer Switch
•STEALTHTM Diode for Path Diode
• Built-in NTC for Temperature Monitoring
Mechanical Features
• Compact Size : F2 Package
• Press-fit Contact Technology
•Al2O3 Substrate with Low Thermal Resistance
Applications
• Solar Inverter
•UPS
Related Materials
• AN-4167: Mounting Guideline for F1 / F2 Modules with
Press-Fit Pins
Package Code: F2
Internal Circuit Diagram
* typical appearance
Package Marking and Ordering Information
Device
Device Marking
Package
Packing Type
Quantity / Tray
FPF2C8P2NL07A
FPF2C8P2NL07A
F2
Tray
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com