Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2ELV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2ELV
Description  3.3V Low Frequency CMOS Oscillator for Extreme Environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2ELV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2ELV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2ELV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2ELV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2ELV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2ELV 1/4
v1.0
MCSO2ELV
MCSO2ELV
3.3V Low Frequency CMOS Oscillator
3.3V Low Frequency CMOS Oscillator
for Extreme Environments
for Extreme Environments
Extreme temperature ranges up to 200°C
High stability & low ageing under extremes
Low current consumption
High shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
32.768kHz
Frequency stability
see note below
Any
±100ppm max over -55 to +125°C
C
±150ppm max over -55 to +150°C
E
±300ppm max over -55 to +175°C
D
±400ppm max over -55 to +200°C
G
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2ELV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2EL MICROCRYSTAL-MCSO2EL Datasheet
348Kb / 2P
Very low consumption 32.768 kHz
logo
Golledge Electronics Lt...
MCSO2EL GOLLEDGE-MCSO2EL Datasheet
546Kb / 4P
5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELW GOLLEDGE-MCSO2ELW Datasheet
547Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
logo
MICORO CRYSTAL SWITZERL...
MCSO2EL MICROCRYSTAL-MCSO2EL_17 Datasheet
348Kb / 2P
Downhole and Well drilling equipments
More results

Similar Description - MCSO2ELV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2EHV GOLLEDGE-MCSO2EHV Datasheet
550Kb / 4P
3.3V High Frequency Oscillator for Extreme Environments
GHTXOL GOLLEDGE-GHTXOL Datasheet
548Kb / 5P
3.3V CMOS Oscillator for Extreme Environments
MCSO1EL GOLLEDGE-MCSO1EL_18 Datasheet
549Kb / 4P
5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO1ELSV GOLLEDGE-MCSO1ELSV Datasheet
549Kb / 4P
3.3V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1EV GOLLEDGE-MCSO1EV Datasheet
552Kb / 4P
3.3V Low Frequency Oscillator for Extreme Environments
MCSO1ELW GOLLEDGE-MCSO1ELW Datasheet
549Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO1ELV GOLLEDGE-MCSO1ELV Datasheet
549Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2EL GOLLEDGE-MCSO2EL Datasheet
546Kb / 4P
5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELW GOLLEDGE-MCSO2ELW Datasheet
547Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2EV GOLLEDGE-MCSO2EV Datasheet
555Kb / 5P
3.3V Low Frequency Oscillator for Extreme Environments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com