Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2EUV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2EUV
Description  Ultra Low Power 3.3V Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2EUV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2EUV Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2EUV Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2EUV Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2EUV Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2EUV 1/4
v1.0
MCSO2EUV
MCSO2EUV
Ultra Low Power 3.3V Oscillator -
Ultra Low Power 3.3V Oscillator -
55+175°C
55+175°C
Ultra-low current consumption <20uA
Extreme temperature ranges up to 175°C
High stability & low ageing under extremes
High shock & vibration resistance
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
32.768kHz
Frequency stability
see note below
Any
±100ppm max over -55 to +125°C
C
±150ppm max over -55 to +150°C
E
±300ppm max over -55 to +175°C
D
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2EUV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
logo
Golledge Electronics Lt...
MCSO2EU GOLLEDGE-MCSO2EU Datasheet
136Kb / 1P
CMOS Oscillator Ultra-low Power
MCSO2EU/VDE GOLLEDGE-MCSO2EU/VDE Datasheet
136Kb / 1P
CMOS Oscillator Ultra-low Power
MCSO2EU/WE GOLLEDGE-MCSO2EU/WE Datasheet
136Kb / 1P
CMOS Oscillator Ultra-low Power
MCSO2EUW GOLLEDGE-MCSO2EUW Datasheet
547Kb / 4P
Ultra Low Power 2.5V Oscillator
More results

Similar Description - MCSO2EUV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1480 LINER-LTC1480 Datasheet
231Kb / 8P
3.3V Ultra-Low Power RS485 Transceiver
logo
Golledge Electronics Lt...
MCSO2EU GOLLEDGE-MCSO2EU Datasheet
136Kb / 1P
CMOS Oscillator Ultra-low Power
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
Golledge Electronics Lt...
GXO-7506L GOLLEDGE-GXO-7506L Datasheet
595Kb / 5P
7550 Package Ultra-Low Jitter 3.3V Oscillator
GXO-3306L GOLLEDGE-GXO-3306L Datasheet
594Kb / 5P
3225 Package Ultra-Low Jitter 3.3V Oscillator
MCSO2EUW GOLLEDGE-MCSO2EUW Datasheet
547Kb / 4P
Ultra Low Power 2.5V Oscillator
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
logo
Micrel Semiconductor
DSC3001 MICREL-DSC3001 Datasheet
477Kb / 5P
Low-Power Ultra-Miniature Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com