Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2FHZ Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2FHZ
Description  1.8V Low Jitter Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2FHZ Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2FHZ Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2FHZ Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2FHZ Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2FHZ Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCSO2FHZ 1/4
v1.0
MCSO2FHZ
MCSO2FHZ
1.8V Low Jitter Oscillator with -
1.8V Low Jitter Oscillator with -
55+125°C Temperature Range
55+125°C Temperature Range
Low jitter
Military temperature range -55+125°C option
Excellent shock & vibration resistance
Enable / disable tristate option
Optional tinned pads (Ag/Cu/Zn)
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
see note below
Any
±100ppm
±50ppm
T
Operating temperature range
Any
0 to +70°C
A
-40 to +85°C
B
-55 to +125°C
C
Enable / disable function
Any
None (pad 1 NC)
Active (control via pad 1)
E
Terminations
Any
Gold plated pads
Tinned Ag/Cu/Zn
T
*


Similar Part No. - MCSO2FHZ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2FH GOLLEDGE-MCSO2FH Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO2FHV GOLLEDGE-MCSO2FHV Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO2FHW GOLLEDGE-MCSO2FHW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO2FHW/TB GOLLEDGE-MCSO2FHW/TB Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
More results

Similar Description - MCSO2FHZ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
1.8V CMOS Low Jitter XO
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
1.8V CMOS Low Jitter XO
FKQ-1.8V PERICOM-FKQ-1.8V Datasheet
858Kb / 2P
1.8V CMOS Low Jitter XO
FM-1.8V PERICOM-FM-1.8V Datasheet
606Kb / 2P
1.8V CMOS Low Jitter XO
logo
Golledge Electronics Lt...
GXO-2201G GOLLEDGE-GXO-2201G Datasheet
590Kb / 5P
1.8V CMOS Oscillator with Low Jitter
GXO-7506G GOLLEDGE-GXO-7506G Datasheet
594Kb / 5P
7550 Package Ultra-Low Jitter 1.8V Oscillator
GXO-3306G GOLLEDGE-GXO-3306G Datasheet
594Kb / 5P
3225 Package Ultra-Low Jitter 1.8V Oscillator
MCSO1FZ GOLLEDGE-MCSO1FZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO1FHZ GOLLEDGE-MCSO1FHZ Datasheet
551Kb / 4P
1.8V CMOS Oscillator with Low Jitter
MCSO2FZ GOLLEDGE-MCSO2FZ Datasheet
551Kb / 4P
1.8V Low Jitter Oscillator with - 55125째C Temperature Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com