Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # B360G
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

B360G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  B360G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd B360G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 491-
RATINGS AND CHARACTERISTIC CURVES (SB305G THRU SB3100G)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125 C
0
TJ=25 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
100
150
0
3
2
1
4
AMBIENT TEMPERATURE. ( C)
o
FIG.1- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELEMENT
10
24
6
1
40
60
20
100
10
0
20
30
50
60
40
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
.6
.4
.8
1.2
1.0
1.4
1.6
0.01
0.1
1.0
10.0
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com