Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2642TSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2642TSTRT
Description  Multi-Platform Two-Phase PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2642TSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2642TSTRT Datasheet HTML 1Page - Semtech Corporation SC2642TSTRT Datasheet HTML 2Page - Semtech Corporation SC2642TSTRT Datasheet HTML 3Page - Semtech Corporation SC2642TSTRT Datasheet HTML 4Page - Semtech Corporation SC2642TSTRT Datasheet HTML 5Page - Semtech Corporation SC2642TSTRT Datasheet HTML 6Page - Semtech Corporation SC2642TSTRT Datasheet HTML 7Page - Semtech Corporation SC2642TSTRT Datasheet HTML 8Page - Semtech Corporation SC2642TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2642
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
r
e
i
f
i
l
p
m
A
r
o
r
r
E
e
g
a
t
l
o
V
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
3
-
/
+V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
5
2A
n
n
i
a
G
p
o
o
L
n
e
p
OV
<
V
1
T
U
O
R
R
E
V
4
<0
8B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
t
i
n
UC
T
U
O
R
R
E
F
p
0
1
=0
1z
H
M
e
t
a
R
w
e
l
S
0
1/
V
µS
n
i
a
G
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
5
.
0V
/
A
m
P
C
O
r
o
f
l
e
v
e
l
p
m
a
l
C
4
.
4V
y
c
a
r
u
c
c
A
l
e
v
e
l
p
m
a
l
C
8
-8
+%
s
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
3
-
/
+V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
0
5A
n
n
i
a
G
0
1V
/
V
R
R
M
CV
3
o
t
00
8B
d
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
n
I
3
.
0
-3
V
h
c
t
a
M
n
i
a
G
2%
h
t
d
i
w
d
n
a
B
6z
H
M
r
e
i
f
i
l
p
m
A
p
o
o
r
D
n
i
a
G
4
.
5V
/
V
y
c
a
r
u
c
c
A
n
i
a
G
)
1
(
5
-
/
+%
s
D
I
V
d
l
o
h
s
e
r
h
t
e
g
a
t
l
o
v
w
o
l
t
u
p
n
I]
5
:
0
D
I
V
[2
.
1V
d
l
o
h
s
e
r
h
t
e
g
a
t
l
o
v
h
g
i
h
t
u
p
n
I]
5
:
0
D
I
V
[8
.
1V
t
n
e
r
r
u
c
s
a
i
BV
0
=
]
4
:
0
D
I
V
[0
2
15
8
10
5
2A
u
0
1
M
R
V
/
D
R
V
r
o
f
e
g
a
t
l
o
v
p
u
ll
u
p
5
D
I
V5
D
I
V8
.
15
.
2V
X
.
9
M
R
V
r
o
f
e
g
a
t
l
o
v
p
u
ll
u
p
5
D
I
V5
D
I
V4
6
V
8
-
K
r
o
f
e
g
a
t
l
o
v
p
u
ll
u
p
5
D
I
V5
D
I
V8
C
C
VV
d
o
o
G
r
e
w
o
P
g
n
i
s
i
R
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
-
D
I
V0
5
20
5
30
0
4V
m
g
n
il
l
a
F
d
l
o
h
s
e
r
h
T
d
l
o
h
s
e
r
h
T
d
o
o
G
r
e
w
o
P
-
D
I
V5
7
5V
m
e
g
a
k
a
e
L
h
g
i
H
t
u
p
t
u
OV
=
d
o
o
g
r
w
P
C
C
0
0
1A
n
k
n
i
S
w
o
L
t
u
p
t
u
OV
8
.
0
=
d
o
o
g
r
w
P2
A
m
n
o
i
t
c
e
S
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
t
l
o
V
n
w
o
d
t
u
h
S
d
l
o
h
s
e
r
h
T
n
w
o
D
t
u
h
S
-
D
I
V0
5
50
5
60
5
7V
m
NOTE : 1) Guaranteed by design, not tested in production. Specifications subject to change without notice.
Unless specified: V
CC = 12V, VID=1.50V (101110,VRD10), FOSC = 200kHz/phase, TA = 27
oC. See Typical Application Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com