Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS1000 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS1000
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS1000 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS1000 Datasheet HTML 1Page - Diodes Incorporated ZHCS1000 Datasheet HTML 2Page - Diodes Incorporated ZHCS1000 Datasheet HTML 3Page - Diodes Incorporated ZHCS1000 Datasheet HTML 4Page - Diodes Incorporated ZHCS1000 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZHCS1000
Document number: DS33220 Rev. 4 - 2
2 of 5
www.diodes.com
December 2013
© Diodes Incorporated
ZHCS1000
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Continuous Reverse Voltage
VR
40
V
Continuous Forward Current
IF
1
A
Forward Voltage @ IF = 1A (typ)
VF
425
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1750
mA
Non Repetitive Forward Current
t
100μs
IFSM
12
A
t
10ms
5.2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = +25°C
PD
500
mW
Junction Temperature
TJ
+125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
60
—
V
IR = 300μA
Forward Voltage (Note 5)
VF
—
240
270
mV
IF = 50mA
—
265
290
IF = 100mA
—
305
340
IF = 250mA
—
355
400
IF = 500mA
—
390
450
IF = 750mA
—
425
500
IF = 1A
—
495
600
IF = 1.5A
—
420
—
IF = 1A, TA = +100°C
Reverse Current (Note 6)
IR
—
50
100
μA
VR = 30V
Total Capacitance
CT
—
25
—
pF
f = 1MHz, VR = 30V
Reverse Recovery Time
trr
—
12
—
ns
Switched from IF = 500mA to
IR = 500mA
Measured @ IR = 50mA
Notes:
5. Measured under pulsed conditions. Pulse width = 300μS.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com