Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2103ALAFT Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL2103ALAFT
Description  3A Digital-DC Synchronous Step-Down DC/DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2103ALAFT Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL2103ALAFT Datasheet HTML 9Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 10Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 11Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 12Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 13Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 14Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 15Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 16Page - Renesas Technology Corp ZL2103ALAFT Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ZL2103
FN6966 Rev 5.00
Page 13 of 28
May 3, 2011
Power Conversion Functional
Description
Internal Bias Regulators and Input Supply
Connections
The ZL2103 employs three internal low dropout (LDO) regulators
to supply bias voltages for internal circuitry, allowing it to operate
from a single input supply. The internal bias regulators are as
follows:
• VR: The VR LDO provides a regulated 7V bias supply for the
high-side MOSFET driver circuit. It is powered from the VDDS
pin and supplies bias current internally. A 4.7µF filter capacitor
is required at the VR pin. The VDDS pin directly supplies the
low-side MOSFET driver circuit.
• VRA: The VRA LDO provides a regulated 5V bias supply for the
current sense circuit and other analog circuitry. It is powered
from the VDDS pin and supplies bias current internally. A
4.7µF filter capacitor is required at the VRA pin.
• V2P5:The V2P5 LDO provides a regulated 2.5V bias supply for
the main controller circuitry. It is powered from the VRA LDO
and supplies bias current internally. A 10µF filter capacitor is
required at the V2P5 pin.
When the input supply (VDDS) is higher than 7.5V, the VR and
VRA pins should not be connected to any other pins. These pins
should only have a filter capacitor attached. Due to the dropout
voltage associated with the VR and VRA bias regulators, the
VDDS pin must be connected to these pins for designs operating
from a supply below 7.5V. Figure 13 illustrates the required
connections for all cases.
Note: The internal bias regulators, VR and VRA, are not designed
to be outputs for powering other circuitry. Do not attach external
loads to any of these pins. Only the multi-mode pins may be
connected to the V2P5 pin for logic HIGH settings.
High-side Driver Boost Circuit
The gate drive voltage for the high-side MOSFET driver is
generated by a floating bootstrap capacitor, CB (see Figure 9).
When the lower MOSFET (QL) is turned on, the SW node is pulled
to ground and the capacitor is charged from the internal VR bias
regulator through diode DB. When QL turns off and the upper
MOSFET (QH) turns on, the SW node is pulled up to VDDP and the
voltage on the bootstrap capacitor is boosted approximately 6.5V
above VDDP to provide the necessary voltage to power the high-
side driver. An internal Schottky diode is used with CB to help
maximize the high-side drive supply voltage.
Output Voltage Selection
The output voltage may be set to any voltage between 0.6V and
5.0V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification. Using the
pin-strap method, VOUT can be set to one of three standard
voltages as shown in Table 2.
7.5V < VIN≤ 14V
4.5V ≤ VIN ≤ 5.5V 5.5V < VIN≤ 7.5V
VR
VRA
VDDS
VIN
VDDS
VR
VRA
VIN
VDDS
VR
VRA
VIN
FIGURE 13. INPUT SUPPLY CONNECTIONS
TABLE 2. PIN-STRAP OUTPUT VOLTAGE SETTINGS
VSET
VOUT
LOW
1.2V
OPEN
1.5V
HIGH
3.3V
TABLE 3. ZL2103 START-UP SEQUENCE
STEP #
STEP NAME
DESCRIPTION
TIME DURATION
1
Power Applied
Input voltage is applied to the ZL2103’s VDD pins (VDDP and VDDS).
Depends on input supply ramp
time
2
Internal Memory Check
The device will check for values stored in its internal memory. This step
is also performed after a Restore command.
Approx 5ms to 10ms (device will
ignore an enable signal or PMBus
traffic during this period)
3
Multi-mode Pin Check
The device loads values configured by the multi-mode pins.
4
Device Ready
The device is ready to accept an enable signal.
-
5
Pre-ramp Delay
The device requires approximately 2ms following an enable signal and
prior to ramping its output. Additional pre-ramp delay may be
configured using the SS pin.
Approximately 2ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com