Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR2207-R80M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDR2207-R80M
Description  SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR2207-R80M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDR2207-R80M Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR2207-R80M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR2207 Series - SMD Power Inductors
Features
■
Available in E12 series
■
Low height of only 7.0 mm
■
Inductance as low as 0.8 µH
■
High current up to 16 amps
■
Lead free version available (see How to
Order)
■
Lead free versions are RoHS compliant*
Applications
■
Input/output of DC/DC converters
■
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering....230 °C; 10 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
.................................-40 °C to +125 °C
Resistance to Soldering Heat
................................230 °C for 10 sec.
Materials
Core.........................................Ferrite DR
Wire .............................Enameled copper
Terminal Electrode ......See How to Order
Base................................Phenolic T375J
Adhesive ..............................Epoxy resin
Rated Current
....................Ind. drop 10 % typ. at Isat
Temperature Rise
.......................40 °C max. at rated Irms
Packaging ....................250 pcs. per reel
22.0 ± 0.3
(.866 ± .012)
= START OF WINDING
7.0 + 0.8/-0.4
(.276 + .031/-.016)
15.0 ± 0.3
(.591 ± .012)
4.0
(.157)
13.5
(.531)
9.0
(.354)
Electrical Schematic
Inductance 100 KHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
(m
Ω
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SDR2207-R80M_
0.8
± 20
30
5
102.0
2.8
16.0
35.0
SDR2207-1R2M_
1.2
± 20
30
3
70.0
3.8
15.0
30.0
SDR2207-1R8M_
1.8
± 20
31
3
51.0
4.5
13.0
25.0
SDR2207-2R7M_
2.7
± 20
38
3
51.0
7.0
10.0
20.0
SDR2207-3R3M_
3.3
± 20
38
3
39.0
7.8
9.0
17.0
SDR2207-4R7M_
4.7
± 20
38
3
33.0
8.8
8.5
15.0
SDR2207-5R6M_
5.6
± 20
50
3
30.0
13.4
7.8
14.0
SDR2207-6R8M_
6.8
± 20
38
3
27.0
14.2
7.5
12.0
SDR2207-8R2M_
8.2
± 20
35
3
25.0
15.5
7.0
11.0
SDR2207-100M_
10
± 20
53
5
20.0
17.2
6.5
10.0
SDR2207-120Y_
12
± 15
50
5
19.0
23.6
5.5
9.5
SDR2207-150Y_
15
± 15
38
5
16.0
28.8
5.0
9.0
SDR2207-180Y_
18
± 15
46
5
15.0
33.0
4.6
8.0
SDR2207-220Y_
22
± 15
27
3
14.0
39.4
4.0
6.5
SDR2207-270Y_
27
± 15
22
3
12.0
43.5
3.8
6.0
SDR2207-330Y_
33
± 15
27
3
11.0
58.4
3.4
5.5
SDR2207-390K_
39
± 10
18
3
10.0
65.0
3.2
5.2
SDR2207-470K_
47
± 10
27
3
9.0
91.2
2.8
5.0
SDR2207-560K_
56
± 10
25
2
8.3
96.5
2.6
4.5
SDR2207-680K_
68
± 10
18
2
7.9
112.0
2.4
4.0
SDR2207-820K_
82
± 10
28
2
6.5
144.0
2.3
3.5
SDR2207-101K_
100
± 10
18
2
6.2
168.0
2.2
3.0
SDR2207-121K_
120
± 10
20
2
6.0
230.0
1.6
3.0
SDR2207-151K_
150
± 10
22
2
5.8
250.0
1.5
2.6
SDR2207-181K_
180
± 10
20
2
5.7
300.0
1.3
2.5
SDR2207-221K_
220
± 10
19
2
5.5
380.0
1.2
2.4
SDR2207-271K_
270
± 10
17
2
5.3
470.0
1.1
2.2
SDR2207-331K_
330
± 10
20
1
5.1
560.0
1.0
1.9
SDR2207-391K_
390
± 10
17
1
4.9
680.0
0.9
1.7
SDR2207-471K_
470
± 10
19
1
4.7
850.0
0.8
1.4
SDR2207-561K_
560
± 10
18
1
4.5
1000
0.8
1.3
SDR2207-681K_
680
± 10
16
1
4.2
1100
0.7
1.2
SDR2207-821K_
820
± 10
16
1
3.9
1400
0.6
1.1
SDR2207-102K_
1000
± 10
15
1
3.5
1800
0.6
1.0
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
SDR2207 - 100M __
Model
Value/Tolerance: from table
Termination
L = Cu/Sn
Blank = Cu/SnPb


Similar Part No. - SDR2207-R80M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR2207-R80ML BOURNS-SDR2207-R80ML Datasheet
129Kb / 2P
SMD Power Inductors
More results

Similar Description - SDR2207-R80M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com