Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9202-3/4 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH9202-3/4
Description  Reflexlichtschranke Reflective Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202-3/4 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH9202-3/4 Datasheet HTML 1Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 2Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 3Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 4Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 5Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 6Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 7Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 8Page - OSRAM GmbH SFH9202-3/4 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SFH 9202
2007-04-03
5
Schaltzeiten (
T
A = 25 °C, VCC = 5 V, IC = 100 μA
1), R
L = 1 kΩ)
Switching Times
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Einschaltzeit
Turn-on time
t
ein
t
on
40
μs
Anstiegzeit
Rise time
t
r
30
μs
Ausschaltzeit
Turn-off time
t
aus
t
off
45
μs
Abfallzeit
Fall time
t
f
40
μs
1)
I
C eingestellt über den Durchlaβstrom der Sendediode, den Reflexionsgrad und den Abstand des Reflektors vom
Bauteil (
d)
1)
I
C as a function of the forward current of the emitting diode, the degree of reflection and the distance between
reflector and component (
d)
OHM02258
Ι
F
V
CC
R
L
Ι
C
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com