Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9202-4/5 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH9202-4/5
Description  Reflexlichtschranke Reflective Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202-4/5 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH9202-4/5 Datasheet HTML 2Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 3Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 4Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 5Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 6Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 7Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 8Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 9Page - OSRAM GmbH SFH9202-4/5 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SFH 9202
2007-04-03
6
Collector Current
Max. Permissible Forward Current
I
F = f (TA)
Forward Voltage (typ.) of the
Diode
V
F = f (T)
I
C
I
Cmax
--------------
fd
()
=
0
OHO02255
Ι
C
d
0
max
C
Ι
20
40
60
80
%
100
12
3
4 mm 5
Kodak neutral
white test card
Mirror
OHL00986
0
020
40
60
80 ˚C 100
mA
F
I
T
A
20
40
60
80
100
120
1
OHO02256
T
-40
F
V
-20
0
20
40
60
100
1.05
1.10
1.15
1.20
1.25
1.30
V
5 mA
10 mA
Ι
F = 20 mA
C
Permissible Power Dissipation for
Diode and Transistor
P
tot = f (TA )
Transistor Capacitance (typ.)
C
CE = f (VCE), TA = 25 °C, f = 1 MHz
Relative Spectral Emission of
Emitter (GaAs) I
rel = f (λ) and
Detector (Si)
S
rel = f (λ)
OHL00945
0
020
40
60
80 ˚C 100
mW
tot
P
T
A
Total power dissipation
20
40
60
80
100
120
160
Detector
Emitter
V
OHO00496
CE
-2
10
0
-1
10
0
10
1
10
2
10
V
pF
C
5
10
15
20
CE
0
OHO00786
Srel
λ
700
rel
Ι
20
40
60
80
%
100
800
900
1000 nm 1100
Detector
Emitter
Switching Characteristics
t = f (R
L)
T
A = 25 °C, IF = 10 mA
Collector Current
I
C = f (IF), spacing
d to reflector = 1 mm, 90% reflection
Output Characteristics (typ.)
I
C = f (VCE), spacing to reflector:
d = 1 mm, 90% reflection, T
A = 25 °C
OHO01367
t
L
R
10 1
10 0
10 2
10 3
s
10 1
10 2
k
Ω
μ
t on
t off
OHO01324
0
C
Ι
mA
0
A
F
Ι
300
4
8
12
16
20
= 5 V
CE
V
100
200
μ
V
OHO01326
CE
0.1
0
ΙC
0.1
0.2
0.3
0.4
0.5
0.6
mA
Ι
F = 25 mA
= 20 mA
Ι
F
= 15 mA
Ι
F
= 10 mA
Ι
F
= 5 mA
Ι
F
10
V
0
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com