Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9202-5/6 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH9202-5/6
Description  Reflexlichtschranke Reflective Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202-5/6 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH9202-5/6 Datasheet HTML 1Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 2Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 3Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 4Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 5Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 6Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 7Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 8Page - OSRAM GmbH SFH9202-5/6 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2007-04-03
4
SFH 9202
Reflexlichtschranke
Light Reflection Switch
Kollektor-Emitterstrom
Collector-emitter current
Kodak neutral white test card, 90% Reflexion
I
F = 10 mA; VCE = 5 V; d = 1 mm
I
CE min.
I
CE max
63
800
μA
μA
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
Kodak neutral white test card, 90% Reflexion
I
F = 10 mA; d = 1 mm; IC = 20 μA
V
CE sat
0.15 (
≤ 0.6)
V
1)
Montage auf PC-Board mit > 5 mm
2 Padgrö
βe
1)
Mounting on pcb with > 5 mm
2 pad size
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
OHM02257
d
Reflector
with 90% reflexion
(Kodak neutral white
test card)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com