Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7145 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7145
Description  Hitachi SuperH RISC engine
PDF  773 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7145 Datasheet HTML 35Page - Renesas Technology Corp SH7145 Datasheet HTML 36Page - Renesas Technology Corp SH7145 Datasheet HTML 37Page - Renesas Technology Corp SH7145 Datasheet HTML 38Page - Renesas Technology Corp SH7145 Datasheet HTML 39Page - Renesas Technology Corp SH7145 Datasheet HTML 40Page - Renesas Technology Corp SH7145 Datasheet HTML 41Page - Renesas Technology Corp SH7145 Datasheet HTML 42Page - Renesas Technology Corp SH7145 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 773 page
background image
Rev. 2.0, 09/02, page xxxvii of xxxviii
Table 17.13 SH7144 Pin Functions in Each Mode (2) ...............................................................501
Table 17.14 SH7145 Pin Functions in Each Mode (1) ...............................................................505
Table 17.14 SH7145 Pin Functions in Each Mode (2) ...............................................................510
Section 18 I/O Ports
Table 18.1 Port A Data Register (PADR) Read/Write Operations .............................................556
Table 18.2 Port B Data Register (PBDR) Read/Write Operations..............................................558
Table 18.3 Port C Data Register (PCDR) Read/Write Operations..............................................560
Table 18.4 Port D Data Register (PDDR) Read/Write Operations .............................................565
Table 18.5 Port E Data Register L (PEDRL) Read/Write Operations ........................................568
Table 18.6 Port F Data Register (PFDR) Read/Write Operations ..............................................570
Section 19 Flash Memory (F-ZTAT Version)
Table 19.1 Differences between Boot Mode and User Program Mode ......................................573
Table 19.2 Pin Configuration......................................................................................................577
Table 19.3 Setting On-Board Programming Modes....................................................................581
Table 19.4 Boot Mode Operation ...............................................................................................583
Table 19.5 Peripheral Clock (P
φ) Frequencies for which Automatic Adjustment
of LSI Bit Rate is Possible ........................................................................................583
Section 22 Hitachi User Debug Interface (H-UDI)
Table 22.1 H-UDI Pins ...............................................................................................................601
Table 22.2 Serial Transfer Characteristics of H-UDI Registers..................................................602
Section 23 Advanced User Debugger (AUD)
Table 23.1 AUD Pin Configuration ............................................................................................612
Table 23.2 Ready Flag Format....................................................................................................618
Section 24 Power-Down Modes
Table 24.1 Internal Operation States in Each Mode ...................................................................622
Table 24.2 Pin Configuration......................................................................................................623
Section 26 Electrical Characteristics
Table 26.1 Absolute Maximum Ratings .....................................................................................665
Table 26.2 DC Characteristics ....................................................................................................666
Table 26.3 Permitted Output Current Values..............................................................................668
Table 26.4 Clock Timing ............................................................................................................670
Table 26.5 Control Signal Timing ..............................................................................................672
Table 26.6 Bus Timing ...............................................................................................................675
Table 26.7 Direct Memory Access Controller Timing ...............................................................679
Table 26.8 Multi-Function Timer Pulse Unit Timing .................................................................681
Table 26.9 I/O Port Timing.........................................................................................................682
Table 26.10 Watchdog Timer Timing.........................................................................................683
Table 26.11 Serial Communication Interface Timing.................................................................684
Table 26.12 I
2C Bus Interface Timing ........................................................................................686
Table 26.13 Output Enable Timing.............................................................................................687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com