Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78N08L-AB3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 78N08L-AB3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78N08L-AB3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  78N08L-AB3-R Datasheet HTML 1Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 2Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 3Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 4Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 5Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 6Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 7Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 8Page - Unisonic Technologies 78N08L-AB3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 9
www.unisonic.com.tw
QW-R101-033.I
ELECT RI CAL CH ARACT ERI ST I CS (Cont .)
For 78N24 (VIN=33V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
23.04
24.00
24.96
V
Output Voltage
VOUT
27V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
22.80
25.20
V
TJ=25°C, IOUT=1mA ~ 300mA
30
200
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
20
100
mV
27V≦VIN≦35V, TJ=25°C
160
300
mV
Line Regulation
V
OUT
28V≦VIN≦35V, TJ=25°C
150
250
mV
Quiescent Current
IQ
3.0
7.5
mA
27V≦VIN≦35V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
200
uV
Temperature Coefficient of VOUT
V
O/TIOUT=5mA
2.0
mV/°C
Ripple Rejection
RR
27V≦VIN≦35V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
Notes: 1. The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represent pulse test conditions with junction
temperatures specified at the initiation of test.
2. Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com