Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2985L-C8-AF5-R Datasheet(PDF) 14 Page - Unisonic Technologies

Part # LD2985L-C8-AF5-R
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD2985L-C8-AF5-R Datasheet(HTML) 14 Page - Unisonic Technologies

Back Button LD2985L-C8-AF5-R Datasheet HTML 7Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 8Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 9Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 10Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 11Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 12Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 13Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 14Page - Unisonic Technologies LD2985L-C8-AF5-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
LD2985
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
14 of 15
www.unisonic.com.tw
QW-R102-024.M
T Y PI CAL CH ARACT ERI ST I CS(Cont .) (TJ=25°C, CI=1
μF, CO=2.2μF, CBYP=100nF)
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Output Current, IOUT (mA)
0
VIN=3.5 ~ 6.5V
CO=10
μF
fosc=1KHz
70
60
40
Supply Voltage Rejection vs Frequency
20
Frequency, f (KHz)
0
50
30
10
10
1
10
2
10
3
10
4
VIN=3.5 ~ 6.5V
IOUT=10mA
VOUT=2.5V
CO=1
μF
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Output Current, IOUT (mA)
0
VIN=3.5 ~ 6.5V
CO=1
μF
fosc=1KHz
Line Transient
VIN
VOUT
VOUT=2.5V, IOUT=50mA, no CIN, COUT=4.7
μF, tr=tf=20ns
Ch1 500mV
20.0mV
CH2
M 10.0
μs Ch1
3.96V
Ch2
1
1
100
175
100
175
80
10
5
Line Transient
VIN
VOUT
VOUT=2.5V, IOUT=50mA, no CIN, COUT=4.7
μF, tr=tf=1μs
500mV
20.0mV
CH2
M 10.0
μs Ch1
3.96V
1
Ch1
Ch2
2
Frequency, f (KHz)
70
60
40
Supply Voltage Rejection vs Frequency
20
0
50
30
10
10
1
10
2
10
3
10
4
VIN=2.8 ~ 5.8V
IOUT=10mA
VOUT=1.8V
CO=10
μF
10
5
Tek Run:5.00MS/s
Tek Run:5.00MS/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com