Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79L12G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 79L12G-S08-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79L12G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  79L12G-S08-R Datasheet HTML 1Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 2Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 3Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 4Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 5Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 6Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 7Page - Unisonic Technologies 79L12G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
79LXX
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R101-003.L
3 -T ERM I N AL 0 .1 A N EGAT I V E
V OLT AGE REGU LAT OR
DESCRI PT I ON
The UTC 79LXX family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 100mA.
FEAT U RES
* Output current up to 100mA.
* Fixed output voltage of -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V
and -24V available.
* Thermal overload shutdown protection.
* Short circuit current limiting.
ORDERI N G I N FORM AT I ON
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
34
56
7
8
Packing
79LXXL-AB3-R
79LXXG-AB3-R
SOT-89
G
I
O
-
-
-
-
-
Tape Reel
79LXXL-S08-R
79LXXG-S08-R
SOP-8
O
I
I
N G
I
I
N
Tape Reel
79LXXL-T92-B
79LXXG-T92-B
TO-92
G
I
O
-
-
-
-
-
Tape Box
79LXXL-T92-K
79LXXG-T92-K
TO-92
G
I
O
-
-
-
-
-
Bulk
Notes: 1. XX: Output Voltage, refer to Marking Information
2. Note: Pin Assignment: I:VIN
O:VOUT
G:GND


Similar Part No. - 79L12G-S08-R

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Daya Electric Group Co....
79L12 DAYA-79L12 Datasheet
790Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
79L12 UMW-79L12 Datasheet
3Mb / 6P
Three terminal negative voltage regulator
logo
Silicon Supplies
79L12 SS-79L12 Datasheet
222Kb / 4P
Linear Voltage Regulator
Rev 1.0 23/07/25
logo
Guangdong Huixin Electr...
79L12 HUIXIN-79L12 Datasheet
582Kb / 4P
3-Terminal Voltage Regulator
More results

Similar Description - 79L12G-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
3-Terminal 0.1A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com