Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78N18L-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 78N18L-AB3-R
Description  3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78N18L-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  78N18L-AB3-R Datasheet HTML 1Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 2Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 3Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 4Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 5Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 6Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 7Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 8Page - Unisonic Technologies 78N18L-AB3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
78NXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
5 of 9
www.unisonic.com.tw
QW-R101-033.I
ELECT RI CAL CH ARACT ERI ST I CS (Cont .)
For 78N12 (VIN=19V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
11.52
12
12.48
V
Output Voltage
VOUT
14.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
11.40
12.60
V
TJ=25°C, IOUT=1mA ~ 300mA
25
100
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
12
50
mV
14.5V≦VIN≦27V, TJ=25°C
25
300
mV
Line Regulation
V
OUT
16V≦VIN≦27V, TJ=25°C
20
250
mV
Quiescent Current
IQ
2.0
6.5
mA
16V≦VIN≦27V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
80
uV
Temperature Coefficient of VOUT
V
O/TIOUT=5mA
-1.0
mV/°C
Ripple Rejection
RR
15V≦VIN≦25V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For 78N15 (VIN=23V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
14.40
15
15.60
V
Output Voltage
VOUT
17.5V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
14.25
15.75
V
TJ=25°C, IOUT=1mA ~ 300mA
25
150
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
15
75
mV
17.5V≦VIN≦30V, TJ=25°C
25
150
mV
Line Regulation
V
OUT
20V≦VIN≦30V, TJ=25°C
15
75
mV
Quiescent Current
IQ
2.2
6.5
mA
20V≦VIN≦30V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
90
uV
Temperature Coefficient of VOUT
V
O/TIOUT=5mA
-1.3
mV/°C
Ripple Rejection
RR
18.5V≦VIN≦28.5V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For 78N18 (VIN=27V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
17.28
18
18.72
V
Output Voltage
VOUT
21V≦VIN≦VMAX,
IOUT=1mA ~ 300mA (Note 2)
17.10
18.90
V
TJ=25°C, IOUT=1mA ~ 300mA
30
180
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
20
90
mV
21V≦VIN≦33V, TJ=25°C
45
300
mV
Line Regulation
V
OUT
22V≦VIN≦33V, TJ=25°C
35
250
mV
Quiescent Current
IQ
2.2
6.5
mA
21V≦VIN≦33V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
150
uV
Temperature Coefficient of VOUT
V
O/TIOUT=5mA
1.8
mV/°C
Ripple Rejection
RR
23V≦VIN≦28.5V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com