Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79L10L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 79L10L-S08-R
Description  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79L10L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  79L10L-S08-R Datasheet HTML 1Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 2Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 3Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 4Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 5Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 6Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 7Page - Unisonic Technologies 79L10L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
79LXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 8
www.unisonic.com.tw
QW-R101-003.L
M ARK I N G I N FORM AT I ON
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
TO-92
SOP-8
05:-5.0 V
06:-6.0 V
08:-8.0 V
09:-9.0 V
10:-10V
12:-12V
15:-15V
18:-18V
24:-24V
BLOCK DI AGRAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com