Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78D06G-TNA-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78D06G-TNA-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78D06G-TNA-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78D06G-TNA-R Datasheet HTML 1Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 2Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 3Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 4Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 5Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 6Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 7Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 8Page - Unisonic Technologies 78D06G-TNA-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R101-005.AA
ABSOLU T E M AX I M U M RAT I N GS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
35
V
Output Current
IOUT
0.5
A
SOT-223
8.3
TO-251/TO-252
TO-252-3
10
Power Dissipation (TC=25°C)
DFN5060-8
PD
8.0
W
Operating Junction Temperature
TJ
-20 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
15
TO-251/TO-252
TO-252-3
12.5
Junction to Case
DFN5060-8
θJC
15.6
°C/W
ELECT RI CAL CH ARACT ERI ST I CS
(TJ=25°C, CI =0.33
μF, CO=0.1μF, PD≤7W, unless otherwise specified)
For 78D05
(VIN=10V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
4.8
5
5.2
V
Output Voltage
VOUT
VIN =7.5~20V,IOUT=5mA~0.5A
4.75
5.25
V
IOUT=5mA~0.5A
50
mV
Load Regulation
∆VOUT
IOUT=5mA~200 mA
25
mV
VIN =7V~25V
50
mV
Line Regulation
∆VOUT
VIN =7.5~20V, IOUT=0.5A
50
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VUT =7.5~20V
1
mA
Quiescent Current Change
∆IQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz
≤f≤100kHz
40
μV
Temperature coefficient of VOUT
∆VOUT/∆TIOUT=5mA
-0.6
mV/°C
Ripple Rejection
RR
VIN =8~18V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=VOUT+19V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com