Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM-AMS2-R Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # SIM-AMS2-R
Description  Plug-in base for standard I/O modules, with safety catch for securing solid-state relays, with different numbers of contacts, can be labeled with marker pins BN or BNB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

SIM-AMS2-R Datasheet(HTML) 2 Page - PHOENIX CONTACT

  SIM-AMS2-R Datasheet HTML 1Page - PHOENIX CONTACT SIM-AMS2-R Datasheet HTML 2Page - PHOENIX CONTACT SIM-AMS2-R Datasheet HTML 3Page - PHOENIX CONTACT SIM-AMS2-R Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIM-AMS 2-R Order No.: 2271044
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2271044
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Feb 9, 2011
Pin dimensions
1,1 x 0,5 mm
Hole diameter
1.4 mm
Color
green
Insulating material
PA
Standards/regulations
DIN VDE 0110b, Gr. C for 250 V DC
Certificates / Approvals
Certification
GOST, UL
Accessories
Item
Designation
Description
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
1401404
BN WH
Marker pin, unprinted: for individual labeling with M-PEN, lettering
field size: 4 x 4 mm
2701404
BN-TRK
Marker pin, lettering area 7.5 x 4 mm, unprinted for individual
labeling with M-PEN
0810902
BNB
WH:GROSSBUCHSTABEN
Marker pins, printed with up to 3 digits, 100 identically printed
marker pins per package, printed with: Upper case letters A-Z
0810928
BNB WH:SO
Marker pins, printed with up to 3 digits, 100 identically printed
marker pins per package, printed according to customer
requirements
0810915
BNB WH:SYMBOLE
Marker pins, printed with up to 3 digits, 100 identically
printed marker pins per package, printed with: symbols
(+,-,/,~,ERD,SERD, L1, L2, L3 PE, PEN)
0810892
BNB WH:ZAHLEN
Marker pins, printed with up to 3 digits, 100 identically printed
marker pins per package, printed with: numbers 1-100
0810944
BNB-
TRK:GROSSBUCHSTABEN
Marker pins, printed with up to 4 digits, 100 identically printed
marker pins per package, lettering field size: 7.5 x 4 mm, printed
with: Upper case letters A-Z
0810960
BNB-TRK:SO
Marker pins, printed with up to 4 digits, 100 identically printed
marker pins per package, printed according to customer
requirements



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com