Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L10ML-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78L10ML-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78L10ML-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78L10ML-S08-R Datasheet HTML 1Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 2Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 3Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 4Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 5Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 6Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 7Page - Unisonic Technologies 78L10ML-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 8
www.unisonic.com.tw
QW-R101-002.N
ABSOLU T E M AX I M U M RAT I N GS
(Operating temperature range applies unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT=5~9V
30
V
Input Voltage
VOUT=10~24V
VIN
35
V
Output Current
IOUT
200
mA
SOP-8
500
TO-92
625
TO-92L
800
TO-92NL
800
SOT-89
350
Power Dissipation
SOT-223
PD
750
mW
Ambient Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECT RI CAL CH ARACT ERI ST I CS
(0°C <TJ<125°C, C1=0.33uF, CO=0.1uF, unless otherwise specified) (Note 1)
For UTC78L05M (VIN=10V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦20V,IOUT=1mA ~ 40mA
4.75
5.25
V
Output Voltage
VOUT
7V≦VIN≦VMAX
IOUT=1mA-200mA
4.75
5.25
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
15
60
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 40mA
8
30
mV
7V≦VIN≦20V,TJ=25°C
8
150
mV
Line Regulation
V
OUT
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
IQ
2.0
5.5
mA
I
Q
8V≦VIN≦20V
1.5
mA
Quiescent Current Change
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-0.65
mV/°C
Ripple Rejection
RR
8V≦VIN≦20V,f=120Hz,TJ=25°C
60
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06M (VIN=12V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦20V, IOUT=1mA ~ 40mA
5.7
6.3
V
Output Voltage
VOUT
8.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
5.7
6.3
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
16
80
mV
Load Regulation
 V
OUT
TJ=25°C, IOUT=1mA ~ 70mA
9
40
mV
8.5V≦VIN≦20V, TJ=25°C
10
175
mV
Line Regulation
 V
OUT
9V≦VIN≦20V, TJ=25°C
8
125
mV
Quiescent Current
IQ
2.0
5.5
mA
9V≦VIN≦20V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-0.75
mV/
C
Ripple Rejection
RR
10V≦VIN≦20V, f=120Hz,TJ=25°C
56
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com