Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L15ML-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78L15ML-S08-R
Description  3-TERMINAL 0.2A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78L15ML-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78L15ML-S08-R Datasheet HTML 1Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 2Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 3Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 4Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 5Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 6Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 7Page - Unisonic Technologies 78L15ML-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
78LXXM
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 8
www.unisonic.com.tw
QW-R101-002.N
ELECT RI CAL CH ARACT ERI ST I CS(Cont .)
For UTC78L08M (VIN=14V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
7.68
8.0
8.32
V
10.5V≦VIN≦23V,IOUT=1mA ~40mA
7.60
8.40
V
Output Voltage
VOUT
10.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
7.60
8.40
V
(Note 2)
TJ=25°C, IOUT=1mA ~ 100mA
18
80
mV
Load Regulation
V
OUT
TJ=25°C, IOUT=1mA ~ 70mA
10
40
mV
10.5V≦VIN≦23V, TJ=25°C
12
175
mV
Line Regulation
V
OUT
11V≦VIN≦23V, TJ=25°C
10
125
mV
Quiescent Current
IQ
2.0
5.5
mA
11V≦VIN≦23V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
11V≦VIN≦23V,f=120Hz,TJ=25°C
52
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L09M (VIN=15V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
8.64
9.0
9.36
V
11.5V≦VIN≦24V,IOUT=1mA ~ 40mA
8.55
9.45
V
Output Voltage
VOUT
11.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
8.55
9.45
V
(Note 2)
TJ=25°C,IOUT=1mA ~ 100mA
20
90
mV
Load Regulation
V
OUT
TJ=25°C,IOUT=1mA ~ 40mA
10
45
mV
11.5V≦VIN≦24V, TJ=25°C
15
200
mV
Line Regulation
V
OUT
13V≦VIN≦24V, TJ=25°C
10
150
mV
Quiescent Current
IQ
2.0
6.0
mA
13V≦VIN≦24V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
70
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-0.75
mV/°C
Ripple Rejection
RR
12V≦VIN≦24V,f=120Hz,TJ=25°C
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L10M (VIN=16V, IOUT=40mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
9.6
10.0
10.4
V
12.5V≦VIN≦23V,IOUT=1mA ~ 40mA
9.5
10.5
V
Output Voltage
VOUT
12.5V≦VIN≦VMAX,
IOUT=1mA - 200mA
9.5
10.5
V
(Note 2)
TJ=25°C,IOUT=1mA ~ 100mA
20
90
mV
Load Regulation
V
OUT
TJ=25°C,IOUT=1mA ~ 70mA
10
45
mV
12.5V≦VIN≦25V, TJ=25°C
25
200
mV
Line Regulation
V
OUT
14V≦VIN≦25V, TJ=25°C
20
170
mV
Quiescent Current
IQ
2.0
6.0
mA
12.5V≦VIN≦25V
1.5
mA
Quiescent Current Change
I
Q
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
74
μV
Temperature Coefficient of VOUT
V
O/T
IOUT=5mA
-0.8
mV/°C
Ripple Rejection
RR
15V≦VIN≦25V, f=120Hz,TJ=25°C
45
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com