Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0804HC-150M-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSL0804HC-150M-S
Description  SMD Unshielded Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSL0804HC-150M-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSL0804HC-150M-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Unshielded Power Inductors – SSL 0804HC Series
Electrical Characteristics
Part Number
Inductance
•
(
µH)
Tolerance
(±%)
DC Resistance
(Ω) max.
Self Resonant
‚
Frequency
(MHz) Typ
Isat
ƒ
(A)
Irms
„
(A)
SSL0804HC- R33M-S
0.33
20
0.002
300
20.0
16.0
SSL0804HC- R68M-S
0.68
20
0.005
200
13.0
12.0
SSL0804HC-1R0M-S
1.0
20
0.006
100
11.0
10.0
SSL0804HC-1R5M-S
1.5
20
0.008
90
9.0
9.0
SSL0804HC-2R2M-S
2.2
20
0.011
90
7.8
7.4
SSL0804HC-2R7M-S
2.7
20
0.012
65
7.0
6.6
SSL0804HC-3R3M-S
3.3
20
0.014
65
6.4
5.9
SSL0804HC-4R7M-S
4.7
20
0.018
45
5.4
4.8
SSL0804HC-6R8M-S
6.8
20
0.035
35
3.6
5.0
SSL0804HC-100M-S
10.0
20
0.04
26
3.3
4.3
SSL0804HC-150M-S
15.0
20
0.06
21
2.4
3.5
SSL0804HC-220M-S
22.0
20
0.08
17
2.0
2.8
SSL0804HC-330M-S
33.0
20
0.15
14
1.7
2.1
SSL0804HC-470M-S
47.0
20
0.28
12
1.4
1.7
SSL0804HC-680M-S
68.0
20
0.3
9
1.2
1.5
SSL0804HC-101M-S
100.0
20
0.4
7
0.95
1.2
l
Inductance tested at 100 kHz, 0.1 Vrms.
l
SRF measured using HP8753D network analyzer
l
Inductance drop = 10% typ. at Isat.
l
ΔT = 40℃ typ at Irms.
l
Operating temperature range -40℃ to +85℃
l
Electrical specifications at 25℃
Test Instruments:
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
0
10
20
30
40
50
1
10
100
1000
10000
100000
FREQUENCY (KHZ)
1.5uH
10uH
22uH
INDUCTANCE vs. IDC CHARACTERISTICS
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
IDC (A)
1.5uH
10uH
22uH
All specifications are subject to change without notification.


Similar Part No. - SSL0804HC-150M-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL0402T-100M-N ETC2-SSL0402T-100M-N Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
SSL0402T-101M-N ETC2-SSL0402T-101M-N Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
SSL0402T-102M-N ETC2-SSL0402T-102M-N Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
SSL0402T-150M-N ETC2-SSL0402T-150M-N Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
SSL0402T-151M-N ETC2-SSL0402T-151M-N Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
More results

Similar Description - SSL0804HC-150M-S

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com