Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2944777741 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2944777741
Description  Wound Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2944777741 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2944777741 Datasheet HTML 1Page - Fair-Rite Products Corp. 2944777741 Datasheet HTML 2Page - Fair-Rite Products Corp. 2944777741 Datasheet HTML 3Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Impedance (Ω)
1 MHz
150
10 MHz
+
815
50 MHz
+
1250
100 MHz
+
500
200 MHz
375
•Beads are controlled for impedance limits only. Minimum impedance values are specified for the + marked frequencies. The
minimum impedance is typically the listed impedance less 20%.
The 44 material beads and wound beads are tested on the 4193A Vector Impedance Meter. The 61 material parts on the 4291A RF
Impedance Analyzer.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com